Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 2 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 2 Page - ams AG

  AS8510_10 Datasheet HTML 1Page - ams AG AS8510_10 Datasheet HTML 2Page - ams AG AS8510_10 Datasheet HTML 3Page - ams AG AS8510_10 Datasheet HTML 4Page - ams AG AS8510_10 Datasheet HTML 5Page - ams AG AS8510_10 Datasheet HTML 6Page - ams AG AS8510_10 Datasheet HTML 7Page - ams AG AS8510_10 Datasheet HTML 8Page - ams AG AS8510_10 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
AS8510
Data Acquisition Device for Battery Sensors
www.ams.com/AS8510
Revision 3.5
1 - 46
1 General Description
The AS8510 is a virtually offset free, low noise, two channel
measurement device. It is tailored to accurately measure battery
current from mA range up to kA range in conjunction with a 100 µ
Ω
shunt resistor in series with the battery rail. Through the second
measurement channel it enables capture of, either battery voltage
synchronous with the current measurement, or, measure the analog
output of an internal or external temperature sensor. Both channels
are matched and can either measure small signals up to ±160 mV
versus ground, through programmable gain amplifier or larger
signals in the 0 to 1V range without the amplifier.
After analog to digital conversion and digital filtering, the resulting
16-bit digital words are accessible through 4-wire standard serial
interface.The device includes a number of additional features
explained in the next section.
2 Key Features

3.3V supply voltage

Two High resolution 16 bit
Σ−Δ A/D converters

Programmable sampling to enable data throughputs from less
than 1Hz to 8kHz

Zero Offset for both channels

Independent control of data rate on both channels

Precision, low noise, programmable gain amplifiers for both
channels with gains 5, 25, 40, 100 to support wide dynamic
ranges.

Option for multiplexing either one differential
input, or two single ended inputs or the internal temperature
sensor on one channel

Programmable current source for external temperature sensor
connectable to any of the inputs

High precision and high stability 1.2V reference voltage source

Digital signal processing with filter options for both channels

Four operating modes providing
- Continuous data acquisition (or)
- Periodic single-shot acquisition, (or)
- Continuous acquisition on threshold crossing of programmed
current levels (or)
- A combination of the above

On chip high-precision 4MHz RC oscillator or option for external
clock

-40ºC to +125ºC ambient operation

AEC - Q100 automotive qualified

Internal chip ID for full traceability

SSOP-20 pin package
3 Applications
The AS8510 is ideal for shunt based batteries sensor. For high-side
current sensing, the input signal may be conditioned using ams
device AS8525 before applying to this device.
VBAT_IN
DVDD
SDO
SDI
SCLK CS
AVDD
INT
CLK
DVSS
RSHH
RSHL
ETR
VCM
ETS
CHOP_CLK
MEN
VBAT_GND
Internal Temperature Sensor
PGA
PGA
16-bit Sigma-Delta ADC
16-bit Sigma-Delta ADC
Serial Interface
Oscillators
FIR / MA
Analog Common Mode
Chopper
MUX and
Chopper
Bandgap Reference
AVSS
REF
AS8510
Prog-Cur
Source
Figure 1. AS8510 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com