Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 8 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 8 Page - ams AG

Back Button AS8530 Datasheet HTML 4Page - ams AG AS8530 Datasheet HTML 5Page - ams AG AS8530 Datasheet HTML 6Page - ams AG AS8530 Datasheet HTML 7Page - ams AG AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG AS8530 Datasheet HTML 10Page - ams AG AS8530 Datasheet HTML 11Page - ams AG AS8530 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
7 - 32
AS8530
Datasheet - Electrical Character i s t ics
6.3 Detailed System and Block Specifications
6.3.1 Electrical System Specifications
6.4 Low Dropout Regulator
The LDO block is a linear voltage regulator, which provides a regulated (band-gap stabilized) output voltage (VCC) from the battery supply
voltage (VSUP).
(6V < VSUP < 18V for option 1, 6V <VSUP <18V option2; -40°C < TJ < 150°C; all voltages are with respect to ground (VSS); positive current
flows into the pin), normal operating mode if not otherwise mentioned.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDDnom
1
1. No external load on the LIN bus
Current
consumption
Normal mode
No load on VCC, LIN recessive, VSUP= 12V
300
µA
No load on VCC, LIN dominant, VSUP = 12V
700
µA
Stand-by mode
Up to 125°C ambient (no load), VSUP= 12V
45
µA
Sleep mode
Up to 125°C ambient (no load), VSUP=12V
35
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Regulated supply voltage
ILOAD 0mA to 50mA
Option 1
4.75
5.25
V
Option 2
3.135
3.465
TJ
Junction Temperature
-40
150
ºC
VSUP
Supply Voltage Range
612
18
V
VCC
Output Voltage Range
Option 1
Load < 50mA
4.75
5.0
5.25
V
50mA to 65mA
4.5
5.5
Standby mode @ ICC < 5mA
4.5
5.5
Load-dump condition,
ILOAD < 50mA
5.5
Option 2
Load < 50mA
3.135
3.3
3.465
50mA to 65mA
2.97
3.3
3.63
Standby mode @ ICC < 5mA
2.97
3.63
Load-dump condition,
ILOAD < 50mA
3.63
ICC_SH
Output Short Circuit Current
Normal mode
50
250
mA
Standby mode
5
250
dVCC1
Line Regulation
ΔVCC / ΔVSUP
8mV/V
LOREG_SM
Load Regulation (Standby mode)
ΔVCC / ΔICCn (for ILOAD > 500µA)
10
mV/mA
LOREG_NM
Load Regulation (Normal mode)
ΔVCC / ΔICCn (for ILOAD > 500µA)
1
mV/mA
CL1
Output Capacitor (Electrolytic)
2.2
10
µF
ESR1
110
Ω
CL2
Output Capacitor (Ceramic)
100
220
nF
ESR2
0.02
1
Ω
CSUP1E
Input capacitor (Electrolytic)
For EMC suppression
10
100
µF
ESR1_CSUP
110
Ω
CSUP2C
Input capacitor (Ceramic)
100
220
nF
ESR2_CSUP
0.02
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com