Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 19 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 19 Page - ams AG

Back Button AS8530 Datasheet HTML 15Page - ams AG AS8530 Datasheet HTML 16Page - ams AG AS8530 Datasheet HTML 17Page - ams AG AS8530 Datasheet HTML 18Page - ams AG AS8530 Datasheet HTML 19Page - ams AG AS8530 Datasheet HTML 20Page - ams AG AS8530 Datasheet HTML 21Page - ams AG AS8530 Datasheet HTML 22Page - ams AG AS8530 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
18 - 32
AS8530
Datasheet - Application In form atio n
8 Application Information
8.1 Initialization
When the power supply is switched on, if VSUP > VSUVR_OFF, RESET_VSUP_N becomes inactive (high). After this, the voltage regulator
starts with a default LDO output setting of 3.3V and Vuvr_off setting of 2.75V. If VCC > Vuvr_off (2.75V), active-low PORN_2_OTP is generated.
The rising edge of PORN_2_OTP loads contents of fuse onto the OTP latch after load access time TLoad. LOAD_OTP_IN_PREREG signal loads
contents of OTP latch onto the pre-regulator domain register. This register gives actual settings of LDO, Vuvr_off and Reset Timeout period TRes.
This is done because the OTP block is powered by the VCC. If VCC > Vuvr_off (phase 2), Reset timeout is restarted. RESET signal is de-
asserted after Reset Timeout period TRes (phase 2) and then device enters into normal mode. The circuit initializes correctly also for very slow
ramp on VSUP (of the order of 0.5V/min).
Figure 7. Initialization Sequence for AS8530
LDO
Off
LDO On
Vuvr_off = 2.75V, LDO setting = 3.3V
tRES = 4msec
LDO On
Vuvr_off = from OTP Block, LDO setting = from OTP Block
tRES = from OTP Block
VCC
VSUP
Device
Settings
RESET_VCC_N
RESET_VSUP_N
PORN_2_OTP
LOAD_OTP_IN_PREREG
RESET
Vuvr_off
Vsuvr_off
6 Cycles of
RC-Oscillator
PHASE 1
PHASE 2
If Phase 1 POR threshold == Phase 2 POR threshold
Tres = Reset Timeout from OTP Block
If Phase 1 POR threshold != Phase 2 POR threshold
Tres = Reset Timeout from OTP Block
Vuvr_off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com