Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 9 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 9 Page - ams AG

Back Button AS8530 Datasheet HTML 5Page - ams AG AS8530 Datasheet HTML 6Page - ams AG AS8530 Datasheet HTML 7Page - ams AG AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG AS8530 Datasheet HTML 10Page - ams AG AS8530 Datasheet HTML 11Page - ams AG AS8530 Datasheet HTML 12Page - ams AG AS8530 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
8 - 32
AS8530
Datasheet - Electrical Character i s t ics
6.5 LIN Transceiver
6.5.1 DC Electrical Characteristics
(4.5V < VCC < 5.5V; 6V < VSUP < 18V; -40°C < TJ < 150°C, VBUS is the voltage on the LIN node. All voltages are with respect to ground (VSS);
positive current flows into the pin.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver
Ibus_lim
Current limitation in Dominant State
1
LIN = VSUP_max
1. This failure condition triggers thermal shut down when shut down temperature threshold is exceeded.
40
120
200
mA
LIN_VOL
Output Voltage BUS (dominant state),
ILIN = 40mA
(short-circuit condition tested at VOL = 2.5V)
2V
Pull-up resistor
Normal mode
(recessive BUS level on TX pin)
20
40
60
k
Ω
Ibus_leak_rec
Driver OFF;
VSUP = 7.0V, 8V < VBUS < 18
20
µA
Receiver
Ibus_leak_dom
Input Leakage current at receiver
Input Leakage current at receiver
Driver OFF; Vbus = 0V; VSUP = 12V;
VCC = 5V
-1
mA
Ibus_no_GND
VSS = VSUP; VSUP = 12V;
0V < VBUS < 18V, VCC = 5V
2
-1
1
mA
Ibus_no_bat
VSUP = VSS;
0V < VBUS < 18V, VCC = VSS
2
2. Not production tested.
100
µA
Vbus_dom
0.4
VSUP
Vbus_rec
0.6
VSUP
Vbus_cnt
Vbus_cnt = (Vth_dom + Vth_rec)/2
3
3. Vth_dom: Receiver threshold of the recessive to dominant LIN bus edge
Vth_rec : Receiver threshold of the dominant to recessive LIN bus edge
0.475
0.525
VSUP
Vhys
Vhys = (Vth_dom – Vth_rec)
3
0.05
0.175
VSUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com