Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3404CS Datasheet(PDF) 19 Page - ams AG

Part # TCS3404CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3404CS Datasheet(HTML) 19 Page - ams AG

Back Button TCS3404CS Datasheet HTML 15Page - ams AG TCS3404CS Datasheet HTML 16Page - ams AG TCS3404CS Datasheet HTML 17Page - ams AG TCS3404CS Datasheet HTML 18Page - ams AG TCS3404CS Datasheet HTML 19Page - ams AG TCS3404CS Datasheet HTML 20Page - ams AG TCS3404CS Datasheet HTML 21Page - ams AG TCS3404CS Datasheet HTML 22Page - ams AG TCS3404CS Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
18
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Interrupt Source Register (03h)
The Interrupt Source register selects which ADC channel value to use to generate an interrupt. Only one of the
four ADC channels can be selected.
Table 7. Interrupt Source Register
6
75
4
INT SOURCE
2
31
0
0
00
0
0
00
0
Reset Value:
INT SOURCE
Resv
Resv
Resv
Resv
Resv
03h
Resv
FIELD
BITS
DESCRIPTION
Resv
7:2
Reserved. Write as 0.
Interrupt Source. Selects which ADC channel to use to generate an interrupt:
FIELD VALUE
INTERRUPT SOURCE
INT SOURCE
1:0
00
Green channel
INT SOURCE
1:0
01
Red channel
10
Blue channel
11
Clear channel
NOTE: The INTERRUPT THRESHOLD Register (08h−0Bh) should be configured appropriately to correspond to the ADC channel value that
generates an interrupt.
ID Register (04h)
The ID register provides the value for both the part number and silicon revision number for that part number.
It is a read-only register, whose value never changes.
Table 8. ID Register
6
75
4
REVNO
2
31
0
−
−−
−
−
−−
−
Reset Value:
ID
PARTNO
04h
FIELD
BITS
DESCRIPTION
PARTNO
7:4
Part Number Identification: field value 0000 = TCS3404
field value 0001 = TCS3413, TCS3414, TCS3415, and TCS3416
REVNO
3:0
Revision number identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com