Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3404CS Datasheet(PDF) 35 Page - ams AG

Part # TCS3404CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3404CS Datasheet(HTML) 35 Page - ams AG

Back Button TCS3404CS Datasheet HTML 31Page - ams AG TCS3404CS Datasheet HTML 32Page - ams AG TCS3404CS Datasheet HTML 33Page - ams AG TCS3404CS Datasheet HTML 34Page - ams AG TCS3404CS Datasheet HTML 35Page - ams AG TCS3404CS Datasheet HTML 36Page - ams AG TCS3404CS Datasheet HTML 37Page - ams AG TCS3404CS Datasheet HTML 38Page - ams AG TCS3404CS Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
34
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
MECHANICAL DATA
PACKAGE CS
Six-Lead Chipscale
950
Nominal
350
+ 10
1565
+ 10
2095
463
+ 30
610 Nominal
438
+ 30
TOP VIEW
BOTTOM VIEW
END VIEW
Lead Free
Pb
6
y j 300 + 30
PINOUT
TOP VIEW
SCL
A1
SYNC
A2
GND
A3
B1
SDA
B2
VDD
B3
INT
PHOTODIODE ARRAY
1875
128 Nominal
CL of Solder Bumps and
Photodiode Array Area
6
y 160 + 30
405
+ 20
685
+ 45
CL of Solder Bumps
CL of Photodiode
Array Area
NOTES: A. All linear dimensions are in micrometers. Dimension tolerance is
± 25 μm unless otherwise noted.
B. Solder bumps are formed of Sn (96.5%), Ag (3%), and Cu (0.5%).
C. The layer above the photodiode is glass and epoxy with an index of refraction of 1.53.
D. This drawing is subject to change without notice.
Figure 31. Package CS — Six-Lead Chipscale Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com