Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3404CS Datasheet(PDF) 38 Page - ams AG

Part # TCS3404CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3404CS Datasheet(HTML) 38 Page - ams AG

Back Button TCS3404CS Datasheet HTML 33Page - ams AG TCS3404CS Datasheet HTML 34Page - ams AG TCS3404CS Datasheet HTML 35Page - ams AG TCS3404CS Datasheet HTML 36Page - ams AG TCS3404CS Datasheet HTML 37Page - ams AG TCS3404CS Datasheet HTML 38Page - ams AG TCS3404CS Datasheet HTML 39Page - ams AG TCS3404CS Datasheet HTML 40Page - ams AG TCS3404CS Datasheet HTML 41Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
37
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
MECHANICAL DATA
TOP VIEW
DETAIL A
3.30
Ao
0.254
+ 0.02
10
5 Max
4.00
8.00
3.50
+ 0.05
j 1.50
4.00
2.00
+ 0.05
+ 0.30
− 0.10
1.75
B
B
AA
DETAIL B
3.30
Bo
12
5 Max
0.80
Ko
NOTES: H. All linear dimensions are in millimeters. Dimension tolerance is
± 0.10 mm unless otherwise noted.
I. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
J. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
K. Each reel is 178 millimeters in diameter and contains 3500 parts.
L. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B.
M. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape
N. This drawing is subject to change without notice.
Figure 34. Package FN Carrier Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com