Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3404FN Datasheet(PDF) 25 Page - ams AG

Part # TCS3404FN
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3404FN Datasheet(HTML) 25 Page - ams AG

Back Button TCS3404FN Datasheet HTML 21Page - ams AG TCS3404FN Datasheet HTML 22Page - ams AG TCS3404FN Datasheet HTML 23Page - ams AG TCS3404FN Datasheet HTML 24Page - ams AG TCS3404FN Datasheet HTML 25Page - ams AG TCS3404FN Datasheet HTML 26Page - ams AG TCS3404FN Datasheet HTML 27Page - ams AG TCS3404FN Datasheet HTML 28Page - ams AG TCS3404FN Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
24
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION: SOFTWARE
Synchronization
There are two basic modes of operation for controlling synchronization: (1) internally timed, and (2) externally
timed. Internally-timed integration cycles can either be continuous back-to-back conversions or can be
externally triggered as a single event using the SYNC pin. Externally-timed integrations can be controlled by
setting and clearing the ADC Enable in the Control Register using the serial interface, or by one or more pulses
input to the SYNC pin. Internally-timed integration cycle times are dependent on the PARAM field value and the
internal clock frequency. Nominal integration times and respective scaling between integration times scale
proportionally as shown in the PARAM field in Table 5. See Operating Characteristics Table notes for detailed
information regarding how the scale values were obtained.
If a particular integration time period is required that is not listed in the PARAM Integration Time field value, then
the manual timing control feature can be used to manually start and stop the integration time period by setting
INTEG_MODE=01b. Manual integration is performed as follows:
ADC_EN
Integration Period
Time duration determined by
length of time that ADC_EN = 1
INTERRUPT
AB
Figure 22. Manual Integration (INTEG_MODE 01b)
1.
Disable ADC_EN (= 0) before initiating a manual integration cycle
2.
Clear and enable INTR before each cycle
3.
Write 01b to INTEG_MODE field
4.
Set ADC_EN (= 1) to start integration
5.
Clear ADC_EN ( = 0) to stop integration
6.
Read channel data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com