Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3404FN Datasheet(PDF) 3 Page - ams AG

Part # TCS3404FN
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3404FN Datasheet(HTML) 3 Page - ams AG

  TCS3404FN Datasheet HTML 1Page - ams AG TCS3404FN Datasheet HTML 2Page - ams AG TCS3404FN Datasheet HTML 3Page - ams AG TCS3404FN Datasheet HTML 4Page - ams AG TCS3404FN Datasheet HTML 5Page - ams AG TCS3404FN Datasheet HTML 6Page - ams AG TCS3404FN Datasheet HTML 7Page - ams AG TCS3404FN Datasheet HTML 8Page - ams AG TCS3404FN Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
2
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
A synchronization input (SYNC) provides precise external control of sensor integration allowing the internal
conversion cycles to be synchronized to a pulsed light source. Furthermore, the synchronization feature
supports the following advanced modes of operation to maximize flexibility across a broad range of hardware
systems: (1) sync for one internal-time cycle, and (2) accumulate for specified number of pulses. The device
also supports free-running and serial-bus-controlled integration modes if precise coupling between the sensor
and light source is not required.
Four parallel analog-to-digital converters (ADC) transform the photodiode currents to an SMBus (TCS3404) or
I2C (TCS3414) digital output that, in turn, can be input to a microprocessor. The RGB values can be read in a
single read cycle to minimize the number of read command protocols defined in the communication interface.
The slave address for this device is 39h (0111001b). A single SMB-Alert style interrupt (TCS3404) as well as
a single traditional level-style interrupt (TCS3414) can be dynamically configured for any one of the four
channels including a corresponding high/low threshold setting. The interrupt will remain asserted until the
firmware clears the interrupt.
The TCS3404/14 devices can help (1) automatically adjust the display brightness of a backlight to extend
battery, increase lamp life, and provide optimum viewing in diverse lighting conditions, (2) white-color balance
display panel and/or captured images in diverse lighting conditions, and (3) manage RGB LED backlighting to
maintain color consistency over a long period of time.
These devices are also ideal in controlling keyboard illumination in low ambient light conditions. Chromaticity
coordinates (x,y) can be used to derive color temperature for the purpose of white-color balancing of displays
and/or captured images. Illuminance, in lux, can be used to approximate the human eye response of ambient
light and to manage exposure control in digital cameras. The TCS3404/14 devices are ideal in notebook/tablet
PCs, LCD monitors, flat-panel televisions, cell phones, and digital cameras. Additional applications include
street light control, security lighting, sunlight harvesting, and automotive instrumentation clusters.
Functional Block Diagram
Two-Wire Serial Interface
Interrupt
SDA
VDD
Blue Channel
Clear Channel
Command
Register
4-Parallel ADC
Registers
INT
SCL
Green Channel
Red Channel
Integrating
A/D Converter
Integrating
A/D Converter
Integrating
A/D Converter
Integrating
A/D Converter
Synchronization
SYNC
IR-Blocking Filter
(CS Package Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com