Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3404FN Datasheet(PDF) 36 Page - ams AG

Part # TCS3404FN
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3404FN Datasheet(HTML) 36 Page - ams AG

Back Button TCS3404FN Datasheet HTML 32Page - ams AG TCS3404FN Datasheet HTML 33Page - ams AG TCS3404FN Datasheet HTML 34Page - ams AG TCS3404FN Datasheet HTML 35Page - ams AG TCS3404FN Datasheet HTML 36Page - ams AG TCS3404FN Datasheet HTML 37Page - ams AG TCS3404FN Datasheet HTML 38Page - ams AG TCS3404FN Datasheet HTML 39Page - ams AG TCS3404FN Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
35
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
MECHANICAL DATA
PACKAGE FN
Dual Flat No-Lead
203
+ 8
6 GND
5 Vdd
4 INT
SCL 1
SYNC 2
SDA 3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
300
+ 50
950
3000
+ 100
3000
+ 100
PIN 1
PIN 1
END VIEW
650
+ 50
PIN OUT
TOP
VIEW
950
+ 150
PHOTODIODE ARRAY
295
Nominal
Lead Free
Pb
350
+ 10
1565
+ 10
128 Nominal
CL of Solder Contacts
CL of Photodiode
Array Area
(Note B)
CL of Solder Contacts and
Photodiode Array Area (Note B)
NOTES: A. All linear dimensions are in micrometers. Dimension tolerance is
± 20 μm unless otherwise noted.
B. The die is centered within the package within a tolerance of
± 3 mils.
C. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
D. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
E. This package contains no lead (Pb).
F. This drawing is subject to change without notice.
Figure 32. Package FN — Dual Flat No-Lead Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com