Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL201CL Datasheet(PDF) 12 Page - ams AG

Part # TSL201CL
Description  64  1 LINEAR SENSOR ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL201CL Datasheet(HTML) 12 Page - ams AG

Back Button TSL201CL Datasheet HTML 7Page - ams AG TSL201CL Datasheet HTML 8Page - ams AG TSL201CL Datasheet HTML 9Page - ams AG TSL201CL Datasheet HTML 10Page - ams AG TSL201CL Datasheet HTML 11Page - ams AG TSL201CL Datasheet HTML 12Page - ams AG TSL201CL Datasheet HTML 13Page - ams AG TSL201CL Datasheet HTML 14Page - ams AG TSL201CL Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TSL201CL
64 y 1 LINEAR SENSOR ARRAY
TAOS146 − APRIL 2012
11
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
CARRIER TAPE AND REEL INFORMATION
TOP VIEW
DETAIL B
DETAIL A
3.45
Ao
9.85
Bo
1.53
Ko
0.30
+ 0.02
8
5 Max
8.00
2.00
4.00
j 1.50
+ 0.10
− 0.00
j 1.50
+ 0.25
− 0.00
16.00
+ 0.30
− 0.10
1.75
7.50
AA
B
B
7
5 Max
NOTES: A. All linear dimensions are in millimeters. Dimension tolerance is
± 0.10 mm unless otherwise noted.
B. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
C. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
D. Each reel is 178 millimeters in diameter and contains 1000 parts.
E. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B.
F. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
G. This drawing is subject to change without notice.
Figure 7. Package CL Carrier Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com