Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL201CL Datasheet(PDF) 14 Page - ams AG

Part # TSL201CL
Description  64  1 LINEAR SENSOR ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL201CL Datasheet(HTML) 14 Page - ams AG

Back Button TSL201CL Datasheet HTML 7Page - ams AG TSL201CL Datasheet HTML 8Page - ams AG TSL201CL Datasheet HTML 9Page - ams AG TSL201CL Datasheet HTML 10Page - ams AG TSL201CL Datasheet HTML 11Page - ams AG TSL201CL Datasheet HTML 12Page - ams AG TSL201CL Datasheet HTML 13Page - ams AG TSL201CL Datasheet HTML 14Page - ams AG TSL201CL Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TSL201CL
64 y 1 LINEAR SENSOR ARRAY
TAOS146 − APRIL 2012
13
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
STORAGE INFORMATION
Moisture Sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by the release and
vaporization of moisture that has been previously absorbed into the package. To ensure the package contains
the smallest amount of absorbed moisture possible, each device is dry-baked prior to being packed for shipping.
Devices are packed in a sealed aluminized envelope called a moisture barrier bag with silica gel to protect them
from ambient moisture during shipping, handling, and storage before use.
The CL package has been assigned a moisture sensitivity level of MSL 5a and the devices should be stored
under the following conditions:
Temperature Range
5
°C to 50°C
Relative Humidity
60% maximum
Total Time
6 months from the date code on the aluminized envelope — if unopened
Opened Time
24 hours or fewer
Rebaking will be required if the devices have been stored unopened for more than 6 months or if the aluminized
envelope has been open for more than 24 hours. If rebaking is required, it should be done at 60
°C for 24 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com