Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL201CL Datasheet(PDF) 2 Page - ams AG

Part # TSL201CL
Description  64  1 LINEAR SENSOR ARRAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL201CL Datasheet(HTML) 2 Page - ams AG

  TSL201CL Datasheet HTML 1Page - ams AG TSL201CL Datasheet HTML 2Page - ams AG TSL201CL Datasheet HTML 3Page - ams AG TSL201CL Datasheet HTML 4Page - ams AG TSL201CL Datasheet HTML 5Page - ams AG TSL201CL Datasheet HTML 6Page - ams AG TSL201CL Datasheet HTML 7Page - ams AG TSL201CL Datasheet HTML 8Page - ams AG TSL201CL Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TSL201CL
64 y 1 LINEAR SENSOR ARRAY
TAOS146 − APRIL 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
D 64 × 1 Sensor-Element Organization
D 200 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range . . . 2000:1 (66 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 5 MHz
D Single 5-V Supply
D Replacement for TSL201, TSL201R, and
TSL201R−LF
D RoHS Compliant
Description
The TSL201CL linear sensor array consists of a 64
× 1 array of photodiodes and associated charge amplifier
circuitry. The pixels measure 120
μm (H) by 68 μm (W) with 125-μm center-to-center spacing and 57-μm
spacing between pixels. Operation is simplified by internal control logic that requires only a serial-input (SI)
signal and a clock.
The TSL201CL is intended for use in a wide variety of applications including mark detection and code reading,
optical character recognition (OCR) and contact imaging, edge detection and positioning as well as optical linear
and rotary encoding.
Functional Block Diagram
1
2
SI
CLK
64-Bit Shift Register
Q64
Switch Control Logic
Pixel
2
Pixel
64
Pixel
3
Analog
Bus
6, 7
Q3
Q2
Q1
4
3
Output
Amplifier
Gain
Trim
VDD
RL
(External
330
W
Load)
AO
GND
Integrator
Reset
_
+
Pixel 1
Sample/
Output
S1
S2
2
1
3
1
2
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
NC − No internal connection
8 NC
7 GND
6 GND
5 NC
CL PACKAGE
(TOP VIEW)
SI 1
CLK 2
AO 3
VDD 4
Package Drawing is Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com