Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1402R Datasheet(PDF) 11 Page - ams AG

Part # TSL1402R
Description  256X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1402R Datasheet(HTML) 11 Page - ams AG

Back Button TSL1402R Datasheet HTML 7Page - ams AG TSL1402R Datasheet HTML 8Page - ams AG TSL1402R Datasheet HTML 9Page - ams AG TSL1402R Datasheet HTML 10Page - ams AG TSL1402R Datasheet HTML 11Page - ams AG TSL1402R Datasheet HTML 12Page - ams AG TSL1402R Datasheet HTML 13Page - ams AG TSL1402R Datasheet HTML 14Page - ams AG TSL1402R Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TSL1402R
256 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS041G − NOVEMBER 2011
10
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION
Integration Time
The integration time of the linear array is the period during which light is sampled and charge accumulates on
each pixel’s integrating capacitor. The flexibility to adjust the integration period is a powerful and useful feature
of the TAOS TSL14xx linear array family. By changing the integration time, a desired output voltage can be
obtained on the output pin while avoiding saturation for a wide range of light levels.
The integration time is the time between the SI (Start Integration) positive pulse and the HOLD positive pulse
minus the 18 setup clocks. The TSL14xx linear array is normally configured with the SI and HOLD pins tied
together. This configuration will be assumed unless otherwise noted. Sending a high pulse to SI (observing
timing rules for setup and hold to clock edge) starts a new cycle of pixel output and integration setup. However,
a minimum of (n+1) clocks, where n is the number of pixels, must occur before the next high pulse is applied
to SI. It is not necessary to send SI immediately on/after the (n+1) clocks. A wait time adding up to a maximum
total of 100 ms between SI pulses can be added to increase the integration time creating a higher output voltage
in low light applications.
Each pixel of the linear array consists of a light-sensitive photodiode. The photodiode converts light intensity
to a voltage. The voltage is sampled on the Sampling Capacitor by closing switch S2 (position 1) (see the
Functional Block Diagram on page 1). Logic controls the resetting of the Integrating Capacitor to zero by closing
switch S1 (position 2).
At SI input, all of the pixel voltages are simultaneously scanned and held by moving S2 to position 2 for all pixels.
During this event, S2 for pixel 1 is in position 3. This makes the voltage of pixel 1 available on the analog output.
On the next clock, S2 for pixel 1 is put into position 2 and S2 for pixel 2 is put into position 3 so that the voltage
of pixel 2 is available on the output.
Following the SI pulse and the next 17 clocks after the SI pulse is applied, the S1 switch for all pixels remains
in position 2 to reset (zero out) the integrating capacitor so that it is ready to begin the next integration cycle.
On the rising edge of the 19th clock, the S1 switch for all the pixels is put into position 1 and all of the pixels begin
a new integration cycle.
The first 18 pixel voltages are output during the time the integrating capacitor is being reset. On the 19th clock
following an SI pulse, pixels 1 through 18 have switch S2 in position 1 so that the sampling capacitor can begin
storing charge. For the period from the 19th clock through the nth clock, S2 is put into position 3 to read the output
voltage during the nth clock. On the next clock the previous pixel S2 switch is put into position 1 to start sampling
the integrating capacitor voltage. For example, S2 for pixel 19 moves to position 1 on the 20th clock. On the n+1
clock, the S2 switch for the last (nth) pixel is put into position 1 and the output goes to a high-impedance state.
If a SI was initiated on the n+1 clock, there would be no time for the sampling capacitor of pixel n to charge to
the voltage level of the integrating capacitor. The minimum time needed to guarantee the sampling capacitor
for pixel n will charge to the voltage level of the integrating capacitor is the charge transfer time of 20
μs.
Therefore, after n+1 clocks, an extra 20
μs wait must occur before the next SI pulse to start a new integration
and output cycle.
The minimum integration time for any given array is determined by time required to clock out all the pixels
in the array and the time to discharge the pixels. The time required to discharge the pixels is a constant.
Therefore, the minimum integration period is simply a function of the clock frequency and the number of pixels
in the array. A slower clock speed increases the minimum integration time and reduces the maximum light level
for saturation on the output. The minimum integration time shown in this data sheet is based on the maximum
clock frequency of 8 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com