Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1402R Datasheet(PDF) 13 Page - ams AG

Part # TSL1402R
Description  256X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1402R Datasheet(HTML) 13 Page - ams AG

Back Button TSL1402R Datasheet HTML 9Page - ams AG TSL1402R Datasheet HTML 10Page - ams AG TSL1402R Datasheet HTML 11Page - ams AG TSL1402R Datasheet HTML 12Page - ams AG TSL1402R Datasheet HTML 13Page - ams AG TSL1402R Datasheet HTML 14Page - ams AG TSL1402R Datasheet HTML 15Page - ams AG TSL1402R Datasheet HTML 16Page - ams AG TSL1402R Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TSL1402R
256 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS041G − NOVEMBER 2011
12
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
MECHANICAL INFORMATION
This assembly consists of 2 sensor chips mounted on a printed-circuit board in a clear molded plastic package.
Top of Die to
Top of Package
1
2
3
4
567
14
13
12
11
10
9
8
TOP VIEW
SIDE VIEW
BOTTOM
VIEW
14
y 4.60 MIN
14
y j 0.508
0.406
END VIEW
1.90
0.76
7.87
7.37
2
y 2.16
1.42
0.89
1.29
14
y 0.50
0.00
3.18
2.79
0.53
0.28
Pin 1
Indicator
19.30
18.29
12
y 2.54
Nonaccumulative
See Note B
10.67
9.65
Sensors
C
L
3.62
3.92
Sensors
to Pin 1
Pixel 1
to Pin 1
NOTES: A. All linear dimensions are in millimeters.
B. The true-position spacing is 2.54 mm between lead centerlines. Each pin centerline is located within 0.25 mm of its true
longitudinal positions.
C. Index of refraction of clear plastic is 1.52.
D. The gap between the individual sensor dies in the array is 57
μm typical (51 μm minimum and 75 μm maximum).
E. This drawing is subject to change without notice.
Figure 11. Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com