Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1402R Datasheet(PDF) 4 Page - ams AG

Part # TSL1402R
Description  256X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1402R Datasheet(HTML) 4 Page - ams AG

  TSL1402R Datasheet HTML 1Page - ams AG TSL1402R Datasheet HTML 2Page - ams AG TSL1402R Datasheet HTML 3Page - ams AG TSL1402R Datasheet HTML 4Page - ams AG TSL1402R Datasheet HTML 5Page - ams AG TSL1402R Datasheet HTML 6Page - ams AG TSL1402R Datasheet HTML 7Page - ams AG TSL1402R Datasheet HTML 8Page - ams AG TSL1402R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TSL1402R
256 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS041G − NOVEMBER 2011
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
AO is an op amp-type output that does not require an external pull-down resistor. This design allows a rail-to-rail
output voltage swing. With VDD = 5 V, the output is nominally 0 V for no light input, 2 V for normal white level, and 4.8 V
for saturation light level.
When the device is not in the output phase, AO is in a high-impedance state.
The voltage developed at analog output (AO) is given by:
Vout = Vdrk + (Re) (Ee)(tint)
where:
Vout
is the analog output voltage for white condition
Vdrk
is the analog output voltage for dark condition
Re
is the device responsivity for a given wavelength of light given in V/(
μJ/cm2)
Ee
is the incident irradiance in
μW/cm2
tint
is integration time in seconds
The TSL1402R can be connected in the serial mode, where it takes 256 clocks to read out all pixels, or in the
parallel mode where it takes 128 clocks to read out all pixels (see APPLICATION INFORMATION and FIgures
9 and 10).
A 0.1
μF bypass capacitor should be connected between VDD and ground as close as possible to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com