Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # 24C01
Description  2-Wire Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C01 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button 24C01 Datasheet HTML 2Page - ATMEL Corporation 24C01 Datasheet HTML 3Page - ATMEL Corporation 24C01 Datasheet HTML 4Page - ATMEL Corporation 24C01 Datasheet HTML 5Page - ATMEL Corporation 24C01 Datasheet HTML 6Page - ATMEL Corporation 24C01 Datasheet HTML 7Page - ATMEL Corporation 24C01 Datasheet HTML 8Page - ATMEL Corporation 24C01 Datasheet HTML 9Page - ATMEL Corporation 24C01 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AT24C01
9
Ordering Information
t
WR (max)
(ms)
I
CC (max)
(
µA)
I
SB (max)
(
µA)
f
MAX
(kHz)
Ordering Code
Package
Operation Range
10
3000
18
400
AT24C01-10PC
AT24C01-10SC
AT24C01-10MC
AT24C01-10TC
8P3
8S1
8M
8T
Commercial
(0
°C to 70°C)
3000
18
400
AT24C01-10PI
AT24C01-10SI
AT24C01-10MI
AT24C01-10TI
8P3
8S1
8M
8T
Industrial
(-40
°C to 85°C)
10
1500
4
100
AT24C01-10PC-2.7
AT24C01-10SC-2.7
AT24C01-10MC-2.7
AT24C01-10TC-2.7
8P3
8S1
8M
8T
Commercial
(0
°C to 70°C)
1500
4
100
AT24C01-10PI-2.7
AT24C01-10SI-2.7
AT24C01-10MI-2.7
AT24C01-10TI-2.7
8P3
8S1
8M
8T
Industrial
(-40
°C to 85°C)
10
1000
4
100
AT24C01-10PC-2.5
AT24C01-10SC-2.5
AT24C01-10MC-2.5
AT24C01-10TC-2.5
8P3
8S1
8M
8T
Commercial
(0
°C to 70°C)
1000
4
100
AT24C01-10PI-2.5
AT24C01-10SI-2.5
AT24C01-10MI-2.5
AT24C01-10TI-2.5
8P3
8S1
8M
8T
Industrial
(-40
°C to 85°C)
10
800
3
100
AT24C01-10PC-1.8
AT24C01-10SC-1.8
AT24C01-10MC-1.8
AT24C01-10TC-1.8
8P3
8S1
8M
8T
Commercial
(0
°C to 70°C)
800
3
100
AT24C01-10PI-1.8
AT24C01-10SI-1.8
AT24C01-10MI-1.8
AT24C01-10TI-1.8
8P3
8S1
8M
8T
Industrial
(-40
°C to 85°C)
Package Type
8M
8-Lead, 0.118” Wide, Miniature Small Outline Package (MSOP)
8P3
8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8T
8-Lead, 0.170” Wide, Thin Shrink Small Outline Package (TSSOP)
Options
Blank
Standard Operation (4.5V to 5.5V)
-2.7
Low-Voltage (2.7V to 5.5V)
-2.5
Low-Voltage (2.5V to 5.5V)
-1.8
Low-Voltage (1.8V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com