Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # 24C01
Description  2-Wire Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C01 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button 24C01 Datasheet HTML 2Page - ATMEL Corporation 24C01 Datasheet HTML 3Page - ATMEL Corporation 24C01 Datasheet HTML 4Page - ATMEL Corporation 24C01 Datasheet HTML 5Page - ATMEL Corporation 24C01 Datasheet HTML 6Page - ATMEL Corporation 24C01 Datasheet HTML 7Page - ATMEL Corporation 24C01 Datasheet HTML 8Page - ATMEL Corporation 24C01 Datasheet HTML 9Page - ATMEL Corporation 24C01 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AT24C01
10
Packaging Information
0.23 (0.009)
0.13 (0.005)
1.10 (0.043)
0.97 (0.038)
0.15 (0.006)
0.05 (0.002)
0.40 (0.016)
0.25 (0.010)
3.10 (0.122)
2.90 (0.114)
3.10 (0.122)
2.90 (0.114)
PIN 1
0.65 (0.026) TYP
4.90 (0.193)
REF
3.81
(0.150)
REF
.400 (10.16)
.355 (9.02)
PIN
1
.280 (7.11)
.240 (6.10)
.037 (.940)
.027 (.690)
.300 (7.62) REF
.210 (5.33) MAX
SEATING
PLANE
.100 (2.54) BSC
.015 (.380) MIN
.022 (.559)
.014 (.356)
.150 (3.81)
.115 (2.92)
.070 (1.78)
.045 (1.14)
.325 (8.26)
.300 (7.62)
0
15
REF
.430 (10.9) MAX
.012 (.305)
.008 (.203)
.020 (.508)
.013 (.330)
PIN 1
.157 (3.99)
.150 (3.81)
.244 (6.20)
.228 (5.79)
.050 (1.27) BSC
.196 (4.98)
.189 (4.80)
.068 (1.73)
.053 (1.35)
.010 (.254)
.004 (.102)
0
8
REF
.010 (.254)
.007 (.203)
.050 (1.27)
.016 (.406)
*Controlling dimension: millimeters
6.50 (.256)
6.25 (.246)
0.30 (.012)
0.19 (.008)
.65 (.026) BSC
1.05 (.041)
0.80 (.033)
3.10 (.122)
4.5 (.177)
2.90 (.114)
4.3 (.169)
0.15 (.006)
0.05 (.002)
1.20 (.047) MAX
0.20 (.008)
0.75 (.030)
0.09 (.004)
0.45 (.018)
0
8
REF
PIN 1
8M, 8-Lead, 0.118” Wide, Miniature Small Outline
Package (MSOP)
8P3, 8-Lead, 0.300” Wide, Plastic Dual Inline
Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 BA
8S1, 8-Lead, 0.150” Wide, Plastic Gull Wing Small
Outline (JEDEC SOIC)
Dimensions in Inches and (Millimeters)
8T, 8-Lead 0.170” Wide, Thin Shrink Small Outline
Package (TSSOP)
Dimensions in Millimeters and (Inches)*



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com