Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01 Datasheet (PDF) - ATMEL Corporation

24C01 Datasheet PDF - ATMEL Corporation
Part # 24C01
Download  24C01 Download
File Size   153.24 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROM

24C01 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C01 Datasheet PDF - ATMEL Corporation

Part # 24C01
Download  24C01 Click to download

File Size   153.24 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROM

24C01 Datasheet (HTML) - ATMEL Corporation


24C01 Product details

Description
The AT24C01 provides 1024 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 128 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The AT24C01 is available in space saving 8-pin PDIP, 8-pin MSOP, 8-pin TSSOP, and 8-pin JEDEC SOIC packages and is accessed via a 2-wire serial interface. In addition, the entire family is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V to 5.5V), 2.5V (2.5V to 5.5V) and 1.8V (1.8V to 5.5V) versions.

Features
• Low Voltage and Standard Voltage Operation
    – 5.0 (VCC = 4.5V to 5.5V)
    – 2.7 (VCC = 2.7V to 5.5V)
    – 2.5 (VCC = 2.5V to 5.5V)
    – 1.8 (VCC = 1.8V to 5.5V)
• Internally Organized 128 x 8
• 2-Wire Serial Interface
• Bidirectional Data Transfer Protocol
• 100 kHz (1.8V, 2.5V, 2.7V) and 400 kHz (5V) Compatibility
• 4-Byte Page Write Mode
• Self-Timed Write Cycle (10 ms max)
• High Reliability
    – Endurance: 1 Million Write Cycles
    – Data Retention: 100 Years
    – ESD Protection: >3000V
• Automotive Grade and Extended Temperature Devices Available
• 8-Pin PDIP, 8-Pin MSOP, 8-Pin TSSOP and 8-Pin JEDEC SOIC Packages




Similar Part No. - 24C01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01 MICROCHIP-24C01 Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
List of Unclassifed Man...
24C01 ETC1-24C01 Datasheet
45Kb / 8P
CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
logo
Integrated Silicon Solu...
24C01 ISSI-24C01 Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
24C016 ISSI-24C016 Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
More results


Similar Description - 24C01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
2-wire Serial EEPROM
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
2-WIRE SERIAL EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com