Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45D021 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT45D021
Description  2-Megabit 5-volt Only Serial DataFlash
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D021 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT45D021 Datasheet HTML 10Page - ATMEL Corporation AT45D021 Datasheet HTML 11Page - ATMEL Corporation AT45D021 Datasheet HTML 12Page - ATMEL Corporation AT45D021 Datasheet HTML 13Page - ATMEL Corporation AT45D021 Datasheet HTML 14Page - ATMEL Corporation AT45D021 Datasheet HTML 15Page - ATMEL Corporation AT45D021 Datasheet HTML 16Page - ATMEL Corporation AT45D021 Datasheet HTML 17Page - ATMEL Corporation AT45D021 Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AT45D021
17
Ordering Information
f
SCK
(MHz)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
10
25
0.03
AT45D021-JC
32J
Commercial
(0
°C to 70°C)
AT45D021-RC
28R
AT45D021-TC
28T
10
25
0.03
AT45D021-JI
32J
Industrial
(-40
°C to 85°C)
AT45D021-RI
28R
AT45D021-TI
28T
Package Type
32J
32-Lead, Plastic J-Leaded Chip Carrier Package (PLCC)
28R
28-Lead, 0.330" Wide, Plastic Gull-Wing Small Outline Package (SOIC)
28T
28-Lead, Plastic Thin Small Outline Package (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com