Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45D021 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45D021
Description  2-Megabit 5-volt Only Serial DataFlash
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D021 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45D021 Datasheet HTML 1Page - ATMEL Corporation AT45D021 Datasheet HTML 2Page - ATMEL Corporation AT45D021 Datasheet HTML 3Page - ATMEL Corporation AT45D021 Datasheet HTML 4Page - ATMEL Corporation AT45D021 Datasheet HTML 5Page - ATMEL Corporation AT45D021 Datasheet HTML 6Page - ATMEL Corporation AT45D021 Datasheet HTML 7Page - ATMEL Corporation AT45D021 Datasheet HTML 8Page - ATMEL Corporation AT45D021 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
• Single 4.5V - 5.5V Supply
• Serial Interface Architecture
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 1024 Pages (264 Bytes/Page) Main Memory
• Two 264-Byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming of Nonvolatile Memory
• Internal Program and Control Timer
• Fast Page Program Time – 7 ms Typical
• 80
µµµµs Typical Page to Buffer Transfer Time
• Low Power Dissipation
– 15 mA Active Read Current Typical
–15
µA CMOS Standby Current Typical
• 10 MHz Max Clock Frequency
• Hardware Data Protection Feature
• Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges
Description
The AT45D021 is a 5-volt only, serial interface Flash memory suitable for in-system
reprogramming. Its 2,162,688 bits of memory are organized as 1024 pages of 264-
bytes each. In addition to the main memory, the AT45D021 also contains two data
SRAM buffers of 264-bytes each. The buffers allow receiving of data while a page in
the main memory is being reprogrammed. Unlike conventional Flash memories that
are accessed randomly with multiple address lines and a parallel interface, the
DataFlash uses a serial interface to sequentially access its data. The simple serial
interface facilitates hardware layout, increases system reliability, minimizes switching
2-Megabit
5-volt Only
Serial
DataFlash
®
AT45D021
Rev. 0869B–07/98
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Harware Page Write
Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
PLCC
Note:
PLCC package pins 16 and 17
are DON’T CONNECT.
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
SCK
SI
SO
NC
NC
NC
NC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
VCC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
NC
NC
(continued)


Similar Part No. - AT45D021

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
2-megabit 5-volt Only Serial DataFlash
AT45D021A-JC ATMEL-AT45D021A-JC Datasheet
395Kb / 28P
2-megabit 5-volt Only Serial DataFlash
AT45D021A-JI ATMEL-AT45D021A-JI Datasheet
395Kb / 28P
2-megabit 5-volt Only Serial DataFlash
AT45D021A-RC ATMEL-AT45D021A-RC Datasheet
395Kb / 28P
2-megabit 5-volt Only Serial DataFlash
AT45D021A-RI ATMEL-AT45D021A-RI Datasheet
395Kb / 28P
2-megabit 5-volt Only Serial DataFlash
More results

Similar Description - AT45D021

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D041 ATMEL-AT45D041 Datasheet
116Kb / 16P
4-Megabit 5-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
8-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
2-megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
8-megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161_01 Datasheet
311Kb / 21P
16-megabit 5-volt Only Serial DataFlasH
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
4-megabit 5-volt Only Serial DataFlash
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com