Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45D021 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45D021
Description  2-Megabit 5-volt Only Serial DataFlash
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D021 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45D021 Datasheet HTML 1Page - ATMEL Corporation AT45D021 Datasheet HTML 2Page - ATMEL Corporation AT45D021 Datasheet HTML 3Page - ATMEL Corporation AT45D021 Datasheet HTML 4Page - ATMEL Corporation AT45D021 Datasheet HTML 5Page - ATMEL Corporation AT45D021 Datasheet HTML 6Page - ATMEL Corporation AT45D021 Datasheet HTML 7Page - ATMEL Corporation AT45D021 Datasheet HTML 8Page - ATMEL Corporation AT45D021 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AT45D021
3
opcode must be followed by 15 don’t care bits, nine
address bits, and eight don't care bits. Since the buffer size
is 264-bytes, nine address bits (BFA8-BFA0) are required
to specify the first byte of data to be read from the buffer.
The CS pin must remain low during the loading of the
opcode, the address bits, the don’t care bits, and the read-
ing of data. When the end of a buffer is reached, the device
will continue reading back at the beginning of the buffer. A
low to high transition on the CS pin will terminate the read
operation and tri-state the SO pin.
MAIN MEMORY PAGE TO BUFFER TRANSFER: A page
of data can be transferred from the main memory to either
buffer 1 or buffer 2. An 8-bit opcode, 53H for buffer 1 and
55H for buffer 2, is followed by the five reserved bits, 10
address bits (PA9-PA0) which specify the page in main
memory that is to be transferred, and nine don’t care bits.
The CS pin must be low while toggling the SCK pin to load
the opcode, the address bits, and the don’t care bits from
the SI pin. The transfer of the page of data from the main
memory to the buffer will begin when the CS pin transitions
from a low to a high state. During the transfer of a page of
data (t
XFR), the status register can be read to determine
whether the transfer has been completed or not.
MAIN MEMORY PAGE TO BUFFER COMPARE: A page of
data in main memory can be compared to the data in buffer
1 or buffer 2. An 8-bit opcode, 60H for buffer 1 and 61H for
buffer 2, is followed by 24 address bits consisting of the five
reserved bits, 10 address bits (PA9-PA0) which specify the
page in the main memory that is to be compared to the
buffer, and nine don't care bits. The loading of the opcode
and the address bits is the same as described previously.
The CS pin must be low while toggling the SCK pin to load
the opcode, the address bits, and the don't care bits from
the SI pin. On the low to high transition of the CS pin, the
264 bytes in the selected main memory page will be com-
pared with the 264 bytes in buffer 1 or buffer 2. During this
time (tXFR), the status register will indicate that the part is
busy. On completion of the compare operation, bit 6 of the
status register is updated with the result of the compare.
Program
BUFFER WRITE: Data can be shifted in from the SI pin
into either buffer 1 or buffer 2. To load data into either
buffer, an 8-bit opcode, 84H for buffer 1 or 87H for buffer 2,
is followed by 15 don't care bits and nine address bits
(BFA8-BFA0). The nine address bits specify the first byte in
the buffer to be written. The data is entered following the
address bits. If the end of the data buffer is reached, the
device will wrap around back to the beginning of the buffer.
Data will continue to be loaded into the buffer until a low to
high transition is detected on the CS pin.
BUFFER TO MAIN MEMORY PAGE PROGRAM WITH
BUILT-IN ERASE: Data written into either buffer 1 or buffer
2 can be programmed into the main memory. An 8-bit
opcode, 83H for buffer 1 or 86H for buffer 2, is followed by
the five reserved bits, 10 address bits (PA9-PA0) that spec-
ify the page in the main memory to be written, and nine
additional don't care bits. When a low to high transition
occurs on the CS pin, the part will first erase the selected
page in main memory to all 1s and then program the data
stored in the buffer into the specified page in the main
memory. Both the erase and the programming of the page
are internally self timed and should take place in a maxi-
mum time of t
EP. During this time, the status register will
indicate that the part is busy.
BUFFER TO MAIN MEMORY PAGE PROGRAM WITH-
OUT BUILT-IN ERASE: A previously erased page within
main memory can be programmed with the contents of
either buffer 1 or buffer 2. An 8-bit opcode, 88H for buffer 1
or 89H for buffer 2, is followed by the five reserved bits, 10
address bits (PA9-PA0) that specify the page in the main
memory to be written, and nine additional don’t care bits.
When a low to high transition occurs on the CS pin, the part
will program the data stored in the buffer into the specified
page in the main memory. It is necessary that the page in
main memory that is being programmed has been previ-
ously programmed to all 1s (erased state). The program-
ming of the page is internally self timed and should take
place in a maximum time of tP. During this time, the status
register will indicate that the part is busy.
MAIN MEMORY PAGE PROGRAM: This operation is a
combination of the Buffer Write and Buffer to Main Memory
Page Program with Built-In Erase operations. Data is first
shifted into buffer 1 or buffer 2 from the SI pin and then pro-
grammed into a specified page in the main memory. An 8-
bit opcode, 82H for buffer 1 or 85H for buffer 2, is followed
by the five reserved bits and 19 address bits. The 10 most
significant address bits (PA9-PA0) select the page in the
main memory where data is to be written, and the next nine
address bits (BFA8-BFA0) select the first byte in the buffer
to be written. After all address bits are shifted in, the part
will take data from the SI pin and store it in one of the data
buffers. If the end of the buffer is reached, the device will
wrap around back to the beginning of the buffer. When
there is a low to high transition on the CS pin, the part will
first erase the selected page in main memory to all 1s and
then program the data stored in the buffer into the specified
page in the main memory. Both the erase and the program-
ming of the page are internally self timed and should take
place in a maximum of time t
EP. During this time, the status
register will indicate that the part is busy.
AUTO PAGE REWRITE: This mode is only needed if multi-
ple bytes within a page or multiple pages of data are modi-
fied in a random fashion. This mode is a combination of two
operations: Main Memory Page to Buffer Transfer and
Buffer to Main Memory Page Program with Built-In Erase.
A page of data is first transferred from the main memory to
buffer 1 or buffer 2, and then the same data (from buffer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com