Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT45
Description  1-Megabit 5.0-volt Only Serial DataFlash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT45 Datasheet HTML 12Page - ATMEL Corporation AT45 Datasheet HTML 13Page - ATMEL Corporation AT45 Datasheet HTML 14Page - ATMEL Corporation AT45 Datasheet HTML 15Page - ATMEL Corporation AT45 Datasheet HTML 16Page - ATMEL Corporation AT45 Datasheet HTML 17Page - ATMEL Corporation AT45 Datasheet HTML 18Page - ATMEL Corporation AT45 Datasheet HTML 19Page - ATMEL Corporation AT45 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AT45DB011
19
Ordering Information
fSCK (MHz)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
15
25
0.02
AT45D011-JC
AT45D011-SC
AT45D011-XC
32J
8S2
14X
Commercial
(0
°C to 70°C)
15
25
0.02
AT45D011-JI
AT45D011-SI
AT45D011-XI
32J
8S2
14X
Industrial
(-40
°C to 85°C)
Package Type
32J
32-Lead, Plastic J-Leaded Chip Carrier (PLCC)
8S2
8-Lead, 0.210" Wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
14X
14-Lead, 0.170" Wide, Plastic Thin Shrink Small Outline Package (TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com