Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT45
Description  1-Megabit 5.0-volt Only Serial DataFlash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT45 Datasheet HTML 1Page - ATMEL Corporation AT45 Datasheet HTML 2Page - ATMEL Corporation AT45 Datasheet HTML 3Page - ATMEL Corporation AT45 Datasheet HTML 4Page - ATMEL Corporation AT45 Datasheet HTML 5Page - ATMEL Corporation AT45 Datasheet HTML 6Page - ATMEL Corporation AT45 Datasheet HTML 7Page - ATMEL Corporation AT45 Datasheet HTML 8Page - ATMEL Corporation AT45 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AT45DB011
5
MAIN MEMORY PAGE PROGRAM: This operation is a
combination of the Buffer Write and Buffer to Main Memory
Page Program with Built-In Erase operations. Data is first
shifted into the buffer from the SI pin and then programmed
into a specified page in the main memory. An 8-bit opcode
of 82H is followed by the six reserved bits and 18 address
bits. The nine most significant address bits (PA8-PA0)
select the page in the main memory where data is to be
written, and the next nine address bits (BFA8-BFA0) select
the first byte in the buffer to be written. After all address bits
are shifted in, the part will take data from the SI pin and
store it in the data buffer. If the end of the buffer is reached,
the device will wrap around back to the beginning of the
buffer. When there is a low to high transition on the CS pin,
the part will first erase the selected page in main memory to
all 1s and then program the data stored in the buffer into
the specified page in the main memory. Both the erase and
the programming of the page are internally self timed and
should take place in a maximum of time t
EP. During this
time, the status register will indicate that the part is busy.
AUTO PAGE REWRITE: This mode is only needed if multi-
ple bytes within a page or multiple pages of data are modi-
fied in a random fashion. This mode is a combination of two
operations: Main Memory Page to Buffer Transfer and
Buffer to Main Memory Page Program with Built-In Erase.
A page of data is first transferred from the main memory to
the data buffer, and then the same data (from the buffer) is
programmed back into its original page of main memory.
An 8-bit opcode of 58H is followed by the six reserved bits,
nine address bits (PA8-PA0) that specify the page in main
memory to be rewritten, and nine additional don’t care bits.
When a low to high transition occurs on the CS pin, the part
will first transfer data from the page in main memory to the
buffer and then program the data from the buffer back into
same page of main memory. The operation is internally
self-timed and should take place in a maximum time of t
EP.
During this time, the status register will indicate that the
part is busy.
If a sector is programmed or reprogrammed sequentially
page by page, then the programming algorithm shown in
Figure 1 is recommended. Otherwise, if multiple bytes in a
page or several pages are programmed randomly in a sec-
tor, then the programming algorithm shown in Figure 2 is
recommended.
STATUS REGISTER: The status register can be used to
determine the device’s ready/busy status, the result of a
Main Memory Page to Buffer Compare operation, or the
device density. To read the status register, an opcode of
57H must be loaded into the device. After the last bit of the
opcode is shifted in, the eight bits of the status register,
starting with the MSB (bit 7), will be shifted out on the SO
pin during the next eight clock cycles. The five most-signifi-
cant bits of the status register will contain device informa-
tion, while the remaining three least-significant bits are
reserved for future use and will have undefined values.
After bit 0 of the status register has been shifted out, the
sequence will repeat itself (as long as CS remains low and
SCK is being toggled) starting again with bit 7. The data in
the status register is constantly updated, so each repeating
sequence will output new data.
Ready/busy status is indicated using bit 7 of the status reg-
ister. If bit 7 is a 1, then the device is not busy and is ready
to accept the next command. If bit 7 is a 0, then the device
is in a busy state. The user can continuously poll bit 7 of the
status register by stopping SCK once bit 7 has been output.
The status of bit 7 will continue to be output on the SO pin,
and once the device is no longer busy, the state of SO will
change from 0 to 1. There are eight operations which can
cause the device to be in a busy state: Main Memory Page
Block Erase Addressing
PA8
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Block
000000
X
X
X
0
000001
X
X
X
1
000010
X
X
X
2
000011
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
111100
X
X
X
60
111101
X
X
X
61
111110
X
X
X
62
111111
X
X
X
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com