Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45
Description  1-Megabit 5.0-volt Only Serial DataFlash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45 Datasheet HTML 1Page - ATMEL Corporation AT45 Datasheet HTML 2Page - ATMEL Corporation AT45 Datasheet HTML 3Page - ATMEL Corporation AT45 Datasheet HTML 4Page - ATMEL Corporation AT45 Datasheet HTML 5Page - ATMEL Corporation AT45 Datasheet HTML 6Page - ATMEL Corporation AT45 Datasheet HTML 7Page - ATMEL Corporation AT45 Datasheet HTML 8Page - ATMEL Corporation AT45 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
1-Megabit
5.0-volt Only
Serial
DataFlash
®
AT45D011
Preliminary
Features
• Single 4.5V - 5.5V Supply
• Serial Interface Architecture
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 512 Pages (264 Bytes/Page) Main Memory
• Optional Page and Block Erase Operations
• One 264-Byte SRAM Data Buffer
• Internal Program and Control Timer
• Fast Page Program Time – 7 ms Typical
• 120
µµµµs Typical Page to Buffer Transfer Time
• Low-Power Dissipation
– 15 mA Active Read Current Typical
–10
µµµµA CMOS Standby Current Typical
• 15 MHz Max Clock Frequency
• Hardware Data Protection Feature
• Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges
Description
The AT45D011 is a 5.0-volt only, serial interface Flash memory suitable for in-system
reprogramming. Its 1,081,344 bits of memory are organized as 512 pages of 264
bytes each. In addition to the main memory, the AT45D011 also contains one SRAM
data buffer of 264 bytes. Unlike conventional Flash memories that are accessed ran-
domly with multiple address lines and a parallel interface, the DataFlash uses a serial
interface to sequentially access its data. The simple serial interface facilitates hard-
Rev. 1123A–08/98
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page
Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
(continued)
TSSOP Top View
Type 1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RDY/BUSY
RESET
WP
VCC
GND
SCK
SO
CS
NC
NC
NC
NC
NC
SI
PLCC
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
SCK
SI
SO
NC
NC
NC
NC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
SOIC
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
Note: PLCC package pins 16
and 17 are DON’T CONNECT
AT45DB011
Preliminary 16-
Megabit 2.7-volt
Only Serial
DataFlash


Similar Part No. - AT45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AT45 STMICROELECTRONICS-AT45 Datasheet
49Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Nov-1994
logo
ATMEL Corporation
AT45 ATMEL-AT45 Datasheet
116Kb / 16P
4-Megabit 5-volt Only Serial DataFlash
logo
Allied Components Inter...
AT4539 ALLIED-AT4539 Datasheet
644Kb / 1P
AUDIO TRANSFORMER
logo
List of Unclassifed Man...
AT4558 ETC1-AT4558 Datasheet
355Kb / 10P
Dual Operational Amplifier for Audio
logo
ATMEL Corporation
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
More results

Similar Description - AT45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
2-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
16-Megabit 5-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
8-megabit 2.7-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
8-megabit 5-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
1-megabit 2.7-volt Only Serial DataFlash
AT45DB041A ATMEL-AT45DB041A_01 Datasheet
410Kb / 28P
4-megabit 2.5-volt Only Serial DataFlasH
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com