Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 1 Page - EPCOS

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54 Datasheet(HTML) 1 Page - EPCOS

  BCP54 Datasheet HTML 1Page - EPCOS BCP54 Datasheet HTML 2Page - EPCOS BCP54 Datasheet HTML 3Page - EPCOS BCP54 Datasheet HTML 4Page - EPCOS BCP54 Datasheet HTML 5Page - EPCOS BCP54 Datasheet HTML 6Page - EPCOS BCP54 Datasheet HTML 7Page - EPCOS BCP54 Datasheet HTML 8Page - EPCOS BCP54 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
9
04/00
1
Inductive components for electronic equipment
Especially in this age of fully-electronic and highly-integrated equipment, inductive components are
indispensable. They are used to store energy intermittently in switch-mode power supplies and
DC/DC converters, as parts of high-frequency circuits, as filter elements and last but not least as
interference suppression components to ensure EMC.
Of course, the demands placed on inductors depend on how and where they are to be used. In HF
circuits, coils with high quality factors and resonance frequencies are needed. In EMC applications,
high inductances are required in order to achieve good interference suppression characteristics, low
Q factors being more desirable here due to the need to avoid resonances.
EPCOS provides suitable inductive components for all applications. This data book contains a wide
selection of standard components, from SMT types (starting with SIMID 0402) right up to the 4-line
high-current inductors for power electronics applications.
Attention is drawn to the excellent HF characteristics and the extremely high reliability of the com-
ponents, achieved thanks to large-scale production automation and many years of experience in
the manufacture of this kind of components.
An overview of typical applications for inductors and chokes
1.1
HF circuits
SMT styles (SIMID product range) and leaded RF chokes are especially suitable for RF and other
high-frequency circuits. Typical applications are resonant circuits and frequency-selective filters of
the type being increasingly used in telecommunications engineering and automotive electronics. In
some cases, special demands on the inductive components arise, for example, when used in trans-
mitter output circuits of mobile telephones (high
Q factors and resonance frequencies) and in air-
bag control circuits (high pulse currents).
1.2
Filter circuits
When inductive components are used for filters in power supplies for electronics, high inductances, the
lowest possible DC resistance and a low
Q factor are required. The impedance should have a wide-
band frequency characteristic. In addition to the current rating, the maximum permissible pulse current
(switching transient currents) and adequately high core material saturation are of importance.
Chokes belonging to all type series presented here can be used for this range of applications, from
the SIMID types right up to chokes with powder cores and one or two lines.
Application
Inductance
Current rating Resonance
frequency
Q factor
DC resistance
HF circuits,
resonant circuits
low
low
very high
very high
low
EMC
high
∗
high
low
very low
Filter circuits
high
high
high
low
very low
Switch-mode
power supplies,
DC/DC converters
∗∗
medium
high
low
∗ depends on the specific application
General Technical Information
Jump to preceding page


Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP54 FAIRCHILD-BCP54 Datasheet
39Kb / 4P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BC54PA_SER NEXPERIA-BC54PA_SER Datasheet
252Kb / 13P
45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com