Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 21 Page - EPCOS

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54 Datasheet(HTML) 21 Page - EPCOS

Back Button BCP54 Datasheet HTML 14Page - EPCOS BCP54 Datasheet HTML 15Page - EPCOS BCP54 Datasheet HTML 16Page - EPCOS BCP54 Datasheet HTML 17Page - EPCOS BCP54 Datasheet HTML 18Page - EPCOS BCP54 Datasheet HTML 19Page - EPCOS BCP54 Datasheet HTML 20Page - EPCOS BCP54 Datasheet HTML 21Page - EPCOS BCP54 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
29
04/00
9.4
IEC climatic category
lEC 60068 -1, Appendix A, defines a method of specifying the climatic category by three groups of
numbers delimited by slash characters.
1st group of numbers:
Absolute value of the lower category temperature
Tmin as test temperature for
test Aa (cold) in accordance with IEC 60068-2-1
2nd group of numbers:
Upper category temperature
Tmax as test temperature for
test Ba (dry heat) in accordance with IEC 60068 -2-2
test duration: 16 h
3rd group of numbers:
Number of days denoting the test duration for
test Ca (damp heat, steady-state) in accordance with IEC 60068-2-3
at (93 + 2/– 3) % rel. humidity and an ambient temperature of 40
°C
10
Sizes
The sizes of surface-mount components
are encoded using a four-digit coding system.
The code differs depending on the standard which it is based on.
The American EIA standards require the length and width to be stated in hundredths of an inch, in
European standards and in the IEC draft standards, these dimensions are encoded in tenths of a
millimeter. The following table sumarizes the sizes:
Length
× width
(mm)
EIA
IEC/EN
1,0
× 0,5
0402
1005
1,6
× 0,8
0603
1608
2,0
× 1,2
0805
2012
2,5
× 2,0
1008
2520
3,2
× 2,5
1210
3225
4,5
× 3,2
1812
4532
5,6
× 5,0
2220
5650
Example:
55/085/56
– 55
°C
+ 85
°C
56 days
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com