Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 6 Page - EPCOS

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54 Datasheet(HTML) 6 Page - EPCOS

Back Button BCP54 Datasheet HTML 2Page - EPCOS BCP54 Datasheet HTML 3Page - EPCOS BCP54 Datasheet HTML 4Page - EPCOS BCP54 Datasheet HTML 5Page - EPCOS BCP54 Datasheet HTML 6Page - EPCOS BCP54 Datasheet HTML 7Page - EPCOS BCP54 Datasheet HTML 8Page - EPCOS BCP54 Datasheet HTML 9Page - EPCOS BCP54 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
14
04/00
2.2
Interference sources and disturbed equipment
Interference source
An interference source is an electrical device or electrical equipment which emits electromagnetic
interference. We can differentiate between two main groups of interference sources corresponding
to the type of frequency spectrum emitted (fig. 5).
Fig. 5
Sources of interference
Interference sources with discrete frequency spectra (e.g. high frequency generators and micro-
processor systems) emit interference energy which is concentrated on narrow frequency bands.
Switchgear and electric motors in household appliances, however, distribute their interference en-
ergy over broad frequency bands and are considered to belong to the group of interference sources
having a continuous frequency spectrum.
µP systems
Switchgear (contactors, relays)
RF generators
Household appliances
Medical equipment
Gas discharge lamps
Data processing systems
Power supplies and battery chargers
Microwave equipment
Ignition systems
Ultrasonic equipment
Welding apparatus
RF welding apparatus
Motors with brushes
Radio and TV receivers
Oscillating drives
Switch-mode power supplies
Atmospheric discharges
Frequency converters
UPS systems
Electronic ballast circuits
Interference source (emission)
Discrete frequency spectrum
(Sine-wave, low energy)
Continuous frequency spectrum
(Impulses, high energy)
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com