Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT45DB321
Description  32-Megabit 2.7-volt Only Serial DataFlash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT45DB321 Datasheet HTML 12Page - ATMEL Corporation AT45DB321 Datasheet HTML 13Page - ATMEL Corporation AT45DB321 Datasheet HTML 14Page - ATMEL Corporation AT45DB321 Datasheet HTML 15Page - ATMEL Corporation AT45DB321 Datasheet HTML 16Page - ATMEL Corporation AT45DB321 Datasheet HTML 17Page - ATMEL Corporation AT45DB321 Datasheet HTML 18Page - ATMEL Corporation AT45DB321 Datasheet HTML 19Page - ATMEL Corporation AT45DB321 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AT45DB321
19
Package Type
32T
32-Lead, Plastic Thin Small Outline Package (TSOP)
24C3
24-Ball, 5 x 5 Array Plastic Chip-Scale Ball Grid Array (CBGA)
Ordering Information
f
SCK (MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
13
10
0.01
AT45DB321-TC
AT45DB321-CC
32T
24C3
Commercial
(0
°C to 70°C)
13
10
0.01
AT45DB321-TI
AT45DB321-CI
32T
24C3
Industrial
(-40
°C to 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com