Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT45DB321
Description  32-Megabit 2.7-volt Only Serial DataFlash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT45DB321 Datasheet HTML 12Page - ATMEL Corporation AT45DB321 Datasheet HTML 13Page - ATMEL Corporation AT45DB321 Datasheet HTML 14Page - ATMEL Corporation AT45DB321 Datasheet HTML 15Page - ATMEL Corporation AT45DB321 Datasheet HTML 16Page - ATMEL Corporation AT45DB321 Datasheet HTML 17Page - ATMEL Corporation AT45DB321 Datasheet HTML 18Page - ATMEL Corporation AT45DB321 Datasheet HTML 19Page - ATMEL Corporation AT45DB321 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Packaging Information
32T, 32-Lead, Plastic Thin Small Outline Package
(TSOP)
Dimensions in Millimeters and (Inches)*
JEDEC OUTLINE MO-142 BD
*Controlling dimension: millimeters
INDEX
MARK
18.5(.728)
18.3(.720)
20.2(.795)
19.8(.780)
0.25(.010)
0.15(.006)
0.50(.020)
BSC
7.50(.295)
REF
8.20(.323)
7.80(.307)
1.20(.047) MAX
0.15(.006)
0.05(.002)
0
5
REF
0.70(.028)
0.50(.020)
0.20(.008)
0.10(.004)
24C3, 24-Ball (5 x 5 array), 1.0mm Pitch,
Plastic Chip-scale Ball Grid Array (CBGA)
Dimensions in Millimeters and (Inches)*
*Controlling dimension: millimeters
A
B
C
D
E
5
432
4.0 (0.157)
0.46 (0.018)
DIA BALL TYP
4.0 (0.157)
1.40 (0.055) MAX
0.30 (0.012)
1.00 (0,039) BSC
NON-ACCUMULATIVE
1
TBD
TBD
TBD
TBD
© Atmel Corporation 1998.
Atmel Cor poration makes no warranty for the use of its products, other than those expressly contained in the
Company’s standard warranty which is detailed in Atmel’s Terms and Conditions located on the Company’s
website. The Company assumes no responsibility for any errors which may appear in this document, reserves
the right to change devices or specifications detailed herein at any time without notice, and does not make any
commitment to update the information contained herein. No licenses to patents or other intellectual proper ty of
Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel’s products are not
authorized for use as critical components in life suppor t devices or systems.
Atmel Headquar ters, 2325 Orchard Parkway, San Jose, CA 95131, TEL (408) 441-0311, FAX (408) 487-2600
Atmel Colorado Springs, 1150 E. Cheyenne Mtn. Blvd., Colorado Springs, CO 80906, TEL (719) 576-3300, FAX (719) 540-1759
Atmel Rousset, Zone Industrielle, 13106 Rousset Cedex, France, TEL (33) 4 42 53 60 00, FAX (33) 4 42 53 60 01
Marks bearing
® and/or ™ are registered trademarks and trademarks of Atmel Corporation.
Terms and product names in this document may be trademarks of others.
Printed on recycled paper.
1121A–09/98/xM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com