Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC1663
Description  10-Bit Rail-to-Rail Micropower DAC with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1663 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC1663 Datasheet HTML 1Page - Linear Integrated Systems LTC1663 Datasheet HTML 2Page - Linear Integrated Systems LTC1663 Datasheet HTML 3Page - Linear Integrated Systems LTC1663 Datasheet HTML 4Page - Linear Integrated Systems LTC1663 Datasheet HTML 5Page - Linear Integrated Systems LTC1663 Datasheet HTML 6Page - Linear Integrated Systems LTC1663 Datasheet HTML 7Page - Linear Integrated Systems LTC1663 Datasheet HTML 8Page - Linear Integrated Systems LTC1663 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC1663
5
1663fd
TYPICAL PERFORMANCE CHARACTERISTICS
Load Regulation vs Output Current
Offset Error Voltage vs
Temperature
Full-Scale Output Voltage vs
Temperature
IOUT (mA)
–1.0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–0.6 –0.4
0
0.2
1663 G07
–0.6
0.6
0.8
0.2
–0.8
–0.2
0.6
0.4
0.8 1.0
VCC = VREF = 3V
VOUT = 1.5V
CODE = 512
TA = 25°C
SOURCE
SINK
TEMPERATURE (°C)
–60
5
4
3
2
1
0
–1
–2
–3
–4
–5
–20
20
40
1663 G08
–40
0
60
80
100
TEMPERATURE (°C)
–60
2.510
2.508
2.506
2.504
2.502
2.500
2.498
2.496
2.494
2.492
2.490
–20
20
40
1663 G09
–40
0
60
80
100
REFERENCE SET TO
INTERNAL BANDGAP
SDA (Pin 1, Pin 1 on SOT-23): Serial Data Bidirectional
Pin. Data is shifted into the SDA pin and acknowledged
by the SDA pin. High impedance pin while data is shifted
in. Open-drain N-channel output during acknowledgment.
Requires a pull-up resistor or current source to VCC.
AD1 (Pin 2): Slave Address Select Bit 1. Tie this pin to
either VCC or GND to modify the corresponding bit of the
LTC1663’s slave address.
AD2 (Pin 3): Slave Address Select Bit 2. Tie this pin to
either VCC or GND to modify the corresponding bit of the
LTC1663’s slave address.
SCL (Pin 4, Pin 5 on SOT-23): Serial Clock Input Pin.
Data is shifted into the SDA pin at the rising edges of the
clock. This high impedance pin requires a pull-up resistor
or current source to VCC.
VCC (Pin 5, Pin 4 on SOT-23): Power Supply. 2.7V ≤ VCC
≤ 5.5V. Also used as the reference voltage input when the
part is programmed to use VCC as the reference.
AD0 (Pin 6): Slave Address Select Bit 0. Tie this pin to
either VCC or GND to modify the corresponding bit of the
LTC1663’s slave address.
GND (Pin 7, Pin 2 on SOT-23): System Ground.
VOUT (Pin 8, Pin 3 on SOT-23): Voltage Output. Buffered
rail-to-rail DAC output.
Differential Nonlinearity (DNL): The difference between
the measured change and the ideal 1LSB change for any
two adjacent codes. The DNL error between any two codes
is calculated as follows:
DNL = (ΔVOUT – LSB)/LSB
Where ΔVOUT is the measured voltage difference between
two adjacent codes.
Digital Feedthrough: The glitch that appears at the ana-
log output caused by AC coupling from the digital inputs
when they change state. The area of the glitch is specified
in (nV)(sec).
Full-Scale Error (FSE): The deviation of the actual full-scale
voltage from ideal. FSE includes the effects of offset and
gain errors (see Applications Information).
DEFINITIONS
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com