Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LTC1663
Description  10-Bit Rail-to-Rail Micropower DAC with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1663 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LTC1663 Datasheet HTML 1Page - Linear Integrated Systems LTC1663 Datasheet HTML 2Page - Linear Integrated Systems LTC1663 Datasheet HTML 3Page - Linear Integrated Systems LTC1663 Datasheet HTML 4Page - Linear Integrated Systems LTC1663 Datasheet HTML 5Page - Linear Integrated Systems LTC1663 Datasheet HTML 6Page - Linear Integrated Systems LTC1663 Datasheet HTML 7Page - Linear Integrated Systems LTC1663 Datasheet HTML 8Page - Linear Integrated Systems LTC1663 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1663
4
1663fd
TIMING CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
Source and Sink Current
Capability with VCC = 5V
Large-Signal Step Response
Midscale Glitch
Load Regulation vs Output Current
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Nonlinearity and monotonicity are defined from code 20 to code
1003 (full scale). See Applications Information.
Note 3: Digital inputs at 0V or VCC.
Note 4: Load is 10kΩ in parallel with 100pF.
Note 5: VCC = VREF = 5V. DAC switched between 0.1VFS and 0.9VFS, i.e.,
codes k = 102 and k = 922.
Note 6: All values are referenced to VIH and VIL levels.
Note 7: Guaranteed by design and not subject to test.
Note 8: The LTC1663E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
The
denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VCC set as reference, VOUT unloaded, unless otherwise noted.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
tSU, DAT
Data Setup Time
250
ns
tLOW
Clock Low Period
4.7
μs
tHIGH
Clock High Period
4.0
50
μs
tf
Clock, Data Fall Time
300
ns
tr
Clock, Data Rise Time
1000
ns
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
156
512
640
1663 G01
–0.6
0.6
0.8
0.2
28
384
768 896 1024
VREF = VCC = 5V
TA = 25°C
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
156
512
640
1663 G02
–0.6
0.6
0.8
0.2
28
384
768 896 1024
VREF = VCC = 5V
TA = 25°C
OUTPUT CURRENT SOURCE/SINK (mA)
01
3
3.0
4.0
5.0
4.5
3.5
2.5
1.5
0.5
8
1663 G03
2.0
1.0
0
2
4
6
57
9
10
DAC CODE = 1023
DAC CODE = 0
TA = 25°C
5
5
0
4
3
2
VOUT
(VOLTS)
SDA
(VOLTS)
1
0
1663 G04
CODE = 990
CODE = 32
5μs/DIV
VCC = 5V
RL = 4.7k
CL = 100pF
TA = 25°C
5V
0V
VOUT
10mV/DIV
SDA
1663 G05
2μs/DIV
VCC = 5V
RL = 4.7k
CL = 100pF
TA = 25°C
CODE = 512 TO 511
IOUT (mA)
–4
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–2
0
1
1663 G06
–0.6
0.6
0.8
0.2
–3
–1
2
3
4
VCC = VREF = 5V
VOUT = 2.5V
CODE = 512
TA = 25°C
SOURCE
SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com