Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LTC1663
Description  10-Bit Rail-to-Rail Micropower DAC with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1663 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LTC1663 Datasheet HTML 3Page - Linear Integrated Systems LTC1663 Datasheet HTML 4Page - Linear Integrated Systems LTC1663 Datasheet HTML 5Page - Linear Integrated Systems LTC1663 Datasheet HTML 6Page - Linear Integrated Systems LTC1663 Datasheet HTML 7Page - Linear Integrated Systems LTC1663 Datasheet HTML 8Page - Linear Integrated Systems LTC1663 Datasheet HTML 9Page - Linear Integrated Systems LTC1663 Datasheet HTML 10Page - Linear Integrated Systems LTC1663 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC1663
7
1663fd
Serial Digital Interface
The LTC1663 communicates with a host (master) using
the standard 2-wire interface. The Timing Diagram shows
the timing relationship of the signals on the bus. The two
bus lines, SDA and SCL, must be high when the bus is
not in use. External pull-up resistors or current sources,
such as the LTC1694 SMBus Accelerator, are required on
these lines.
The LTC1663 is a receive-only (slave) device. The master
can communicate with the LTC1663 using the Quick Com-
mand, Send Byte or Write Word protocols as explained
later.
The START and STOP Conditions
When the bus is not in use, both SCL and SDA must be
high. A bus master signals the beginning of a communica-
tion to a slave device by transmitting a START condition.
A START condition is generated by transitioning SDA
from high to low while SCL is high.
When the master has finished communicating with the
slave, it issues a STOP condition. A STOP condition is
generated by transitioning SDA from low to high while
SCL is high. The bus is then free for communication with
another SMBus device.
Acknowledge
The Acknowledge signal is used for handshaking between
the master and the slave. An Acknowledge (active LOW)
generated by the slave lets the master know that the latest
byte of information was received. The Acknowledge related
clock pulse is generated by the master. The master releases
the SDA line (HIGH) during the Acknowledge clock pulse.
The slave-receiver must pull down the SDA line during the
Acknowledge clock pulse so that it remains a stable LOW
during the HIGH period of this clock pulse.
Write Word Protocol
The master initiates communication with the LTC1663 with
a START condition and a 7-bit address followed by the Write
DEFINITIONS
Write Word Protocol Used by the LTC1663
Command Byte
A
Slave Address
A
Wr
LSData Byte
A
MSData Byte
A
P
S
81
71
18
1
8
1663 TA03
11
1
S = Start Condition, Wr = Write Bit = 0, A = Acknowledge, P = Stop Condition
Integral Nonlinearity (INL): The deviation from a straight
line passing through the endpoints of the DAC transfer
curve (Endpoint INL). Because the output cannot go
below zero, the linearity is measured between full scale
and the lowest code that guarantees the output will be
greater than zero. The INL error at a given input code is
calculated as follows:
INL = [VOUT – VOS – (VFS – VOS)(code/1023)]/LSB
Where VOUT is the output voltage of the DAC measured
at the given input code.
Least Significant Bit (LSB): The ideal voltage difference
between two successive codes.
LSB = VREF/1024
Resolution (n): Defines the number of DAC output states
(2n) that divide the full-scale range. Resolution does not
imply linearity.
Voltage Offset Error (VOS): Nominally, the voltage at the
output when the DAC is loaded with all zeros. A single
supply DAC can have a true negative offset, but the output
cannot go below zero (see Applications Information).
For this reason, single supply DAC offset is measured at
the lowest code that guarantees the output will be greater
than zero.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com