Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663IMS8 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LTC1663IMS8
Description  10-Bit Rail-to-Rail Micropower DAC with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1663IMS8 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LTC1663IMS8 Datasheet HTML 4Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 5Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 6Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 7Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 8Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 9Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 10Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 11Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 12Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC1663
10
1663fd
APPLICATIONS INFORMATION
Offset and linearity are defined and tested over the region
of the DAC transfer function where no output limiting can
occur.
Internal Reference
In applications where a predictable output is required
that is independent of supply voltage, the LTC1663 has a
user-selectable internal reference. Selecting the internal
reference will set the full-scale output voltage to 2.5V. This
can be useful in applications where the supply voltage is
poorly regulated.
Using the LT®1460 Micropower Series Reference as a
Power Supply for the LTC1663
In applications where the advantages of using the internal
reference are required but the full-scale range needs to
be greater than 2.5V, an external series reference can be
used. The LT1460 is ideal for use as a power supply for
the LTC1663 and can provide 3V, 3.3V and 5V full-scale
output voltage ranges. The LT1460 provides accuracy, noise
immunity and extended supply range to the LTC1663 when
the LTC1663 is operated ratiometric to VCC. Since both
parts are available in SOT-23 packages, the PC board space
for this application is extremely small. See Figure 2.
Figure 1. Effects of Rail-to-Rail Operation On a DAC Transfer Curve. (a) Overall Transfer Function (b) Effect of Negative
Offset for Codes Near Zero Scale (c) Effect of Positive Full-Scale Error for Input Codes Near Full Scale When VREF = VCC
Figure 2. LT1460 As Power Supply for the LTC1663
1663 F01
INPUT CODE
(b)
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
512
0
1023
INPUT CODE
OUTPUT
VOLTAGE
(a)
VREF = VCC
VREF = VCC
(c)
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE
IN
0.1μF
1
5 (4)
1 (1)
2
4 (5)
2 (7)
LTC1663 PIN NUMBERS IN PARENTHESES
REFER TO MSOP PACKAGE
3 (8)
3
3.9V TO 20V
3V
OUT
TO
μP
SCL
1663 F02
VCC
GND
SDA
OUT
LTC1663
0V ≤ VOUT ≤ 3V
GND
LT1460S3-3
0.01μF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com