Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663IMS8 Datasheet(PDF) 12 Page - Linear Integrated Systems

Part # LTC1663IMS8
Description  10-Bit Rail-to-Rail Micropower DAC with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1663IMS8 Datasheet(HTML) 12 Page - Linear Integrated Systems

Back Button LTC1663IMS8 Datasheet HTML 4Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 5Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 6Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 7Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 8Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 9Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 10Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 11Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 12Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC1663
12
1663fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 1007 REV D • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Program Up to 8 Control Outputs Per BUS (8 LTC1663 and 8 LTC1663-8 DACs) and Place Them Where They Are Needed
+
SCL
AD0
AD1
AD2
LTC1663CMS8
VCC
VOUT
CONTROL
OUTPUT 8
0V ≤ VOUT8 < VCC
0.1μF
0.1μF
1
2
5
7
5
8
7
7
5
8
8
5
4
4
1
6
2
3
GND
+
SCL
AD0
AD1
AD2
LTC1663CMS8
VCC
VOUT
CONTROL
OUTPUT 9
0V ≤ VOUT9 < VCC
0.1μF
GND
+
SCL
AD0
AD1
AD2
LTC1663CMS8
VCC
VOUT
CONTROL
OUTPUT 15
0V ≤ VOUT15 < VCC
0.1μF
GND
1663 TA06
SMBus 1
LTC1694
SMBus 2
GND
VCC
VCC = 2.7V TO 5.5V
TO OTHER SMBus
DEVICES
+
SCL
SDA
μP
SDA
1
4
6
2
3
SDA
1
4
6
2
3
SDA
+
SCL
AD0
AD1
AD2
LTC1663-8CMS8
VCC
VOUT
CONTROL
OUTPUT 0
0V ≤ VOUT0 < VCC
0.1μF
5
7
5
8
7
7
5
8
8
4
1
6
2
3
GND
+
SCL
AD0
AD1
AD2
LTC1663-8CMS8
VCC
VOUT
CONTROL
OUTPUT 1
0V ≤ VOUT1 < VCC
0.1μF
GND
+
SCL
AD0
AD1
AD2
LTC1663-8CMS8
VCC
VOUT
CONTROL
OUTPUT 7
0V ≤ VOUT7 < VCC
0.1μF
GND
TO OTHER SMBus
DEVICES
SDA
1
4
6
2
3
SDA
1
4
6
2
3
SDA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1694
SMBus I2C Accelerator
Dual SMBus Accelerator with Active AC and DC Pull-Up Current
Sources
LTC1694-1
SMBus I2C Accelerator
Dual SMBus Accelerator with Active AC Pull-Up Current Only
DACs
LTC1659
Single Rail-to-Rail 12-Bit VOUT DAC in 8-Lead MSOP
Package. VCC = 2.7V to 5.5V
Low Power Multiplying VOUT DAC. Output Swings from GND to REF.
REF Input Can Be Tied to VCC. 3-Wire Interface.
LTC1660/LTC1664
Octal/Quad 10-Bit VOUT DACs in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V Micropower Rail-to-Rail Output. 3-Wire Interface
LTC1661
Dual 10-Bit VOUT in 8-Lead MSOP Package
VCC = 2.7V to 5.5V Micropower Rail-to-Rail Output. 3-Wire Interface.
LTC1669
10-Bit VOUT DAC in SOT-23, I2C Interface
Pin-Compatible with LTC1663
ADCs
LTC1285/LTC1288
8-Pin SO, 3V Micropower ADCs
1- or 2-Channel, Autoshutdown
LTC1286/LTC1298
8-Pin SO, 5V Micropower ADCs
1- or 2-Channel, Autoshutdown
LTC1594/LTC1598
4/8-Channel, 5V Micropower 12-Bit ADCs
Low Power, Small Size, Low Cost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com