Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1663IMS8 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC1663IMS8
Description  10-Bit Rail-to-Rail Micropower DAC with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1663IMS8 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC1663IMS8 Datasheet HTML 1Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 2Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 3Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 4Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 5Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 6Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 7Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 8Page - Linear Integrated Systems LTC1663IMS8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC1663
3
1663fd
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VCC set as reference, VOUT unloaded, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Positive Supply Voltage
l
2.7
5.5
V
ICC
Supply Current
VCC = 3V (Note 3)
VCC = 5V (Note 3)
l
l
60
75
100
125
μA
μA
ISD
Supply Current in Shutdown Mode
(Note 3)
LTC1663E (Note 3)
l
l
10
12
16
24
μA
μA
Op Amp DC Performance
Short-Circuit Current (Sourcing)
VOUT Shorted to GND, Input Code = 1023
l
25
100
mA
Short-Circuit Current (Sinking)
VOUT Shorted to VCC, Input Code = 0
l
30
120
mA
Output Impedance to GND
Input Code = 0, VCC = 5V
Input Code = 0, VCC = 3V
In Shutdown Mode
65
150
500
Ω
Ω
Output Impedance to VCC
Input Code = 1023, VCC = 5V
Input Code = 1023, VCC = 3V
80
120
Ω
Ω
AC Performance
Voltage Output Slew Rate
Rising (Notes 4, 5)
Falling (Notes 4, 5)
0.75
0.25
V/μs
V/μs
Voltage Output Settling Time
To ± 0.5LSB (Notes 4, 5)
30
μs
Digital Feedthrough
0.75
nV•s
Digital-to-Analog Glitch Impulse
1LSB Change Around Major Carry
70
nV•s
Digital Inputs SCL, SDA
VIH
High Level Input Voltage
l
1.4
V
VIL
Low Level Input Voltage
l
0.6
V
VLTH
Logic Threshold Voltage
1V
ILEAK
Digital Input Leakage
VCC = 5.5V and 0V, VIN = GND to VCC
VCC = 5.5V and 0V, VIN = GND to VCC (LTC1663E)
l
l
±1.0
±1.2
μA
μA
CIN
Digital Input Capacitance
(Note 7)
l
10
pF
Digital Output SDA
VOL
Digital Output Low Voltage
IPULLUP = 350μA
l
0.4
V
Address Inputs AD0, AD1, AD2 (MSOP Only)
IUP
Address Pin Pull-Up Current
VIN = 0V
l
0.5
1.5
μA
VIH
High Level Input Voltage
l
VCC – 0.3
V
VIL
Low Level Input Voltage
l
0.8
V
TIMING CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VCC set as reference, VOUT unloaded, unless otherwise noted.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
SMBus Timing Characteristics (Notes 6, 7)
fSMB
SMBus Operating Frequency
10
100
kHz
tBUF
Bus Free Time Between Stop and Start Condition
4.7
μs
tHD, STA
Hold Time After (Repeated) Start Condition
4.0
μs
tSU, STA
Repeated Start Condition Setup Time
4.7
μs
tSU, STO
Stop Condition Setup Time
4.0
μs
tHD, DAT
Data Hold Time
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com