Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS34L Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SS34L
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS34L Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SS34L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS34L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS34L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
PART NO.
SS34L
SS34L
(TA=25℃ unless otherwise noted)
Document Number:D1308012
Version:A13
PACKAGE
PACKING
ORDERING INFORMATION
SS34L RU
RU
10000 / 13" Paper reel (12mm tape)
M2
Sub SMA
SS34L
Taiwan Semiconductor
PACKING CODE
GREEN COMPOUND
CODE
SS34L RUG
RU
G
Green compound
PREFERRED P/N
7500 / 13" Plastic reel (12mm tape)
RH
Sub SMA
RATINGS AND CHARACTERISTICS CURVES
Suffix "G"
SS34L
RU
RV
MH
Sub SMA
10000 / 13" Plastic reel (12mm tape)
RQ
MQ
1800 / 7" Plastic reel (8mm tape)
3000 / 7" Plastic reel (8mm tape)
R3
RF
Sub SMA
Sub SMA
Sub SMA
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
Sub SMA
Sub SMA
R2
1800 / 7" Plastic reel (12mm tape)
3000 / 7" Plastic reel (12mm tape)
Sub SMA
Sub SMA
Sub SMA
Sub SMA
RT
MT
7500 / 13" Paper reel (12mm tape)
EXAMPLE
7500 / 13" Paper reel (8mm tape)
7500 / 13" Plastic reel (8mm tape)
10000 / 13" Paper reel (8mm tape)
10000 / 13" Plastic reel (8mm tape)
0
1
2
3
4
0
25
50
75
100
125
150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
20
40
60
80
100
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine-Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
020
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
0
0.2
0.4
0.6
0.8
1
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
TJ=125℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com