Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS34L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS34L
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS34L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS34L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS34L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS34L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
dV/dt
V/us
TJ
OC
TSTG
OC
Document Number:D1308012
Version:A13
Marking code
34L
V
A
40
Maximum instantaneous forward voltage (Note 1)
IF= 3 A
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
3
OC/W
30
60
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
VF
RθJC
RθJA
Voltage rate of change (Rated VR)
80
0.5
10000
Note 1:Pulse test with PW=300u sec, 1% duty cycle
Operating junction temperature range
Storage temperature range
mA
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
Typical thermal resistance
IR
- 55 to + 150
0.5
60
- 55 to + 125
SS34L
SS34L
Surface Mount Schottky Barrier Rectifier
Taiwan Semiconductor
MECHANICAL DATA
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
- Moisture sensitivity level : level 1, per J-STD-020
FEATURES
Weight:
0.019 gram (approximately)
Sub SMA
Case:
Sub SMA
Maximum average forward rectified current
PARAMETER
Polarity:
Indicated by cathode band
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free, RoHS compliant
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
28
40


Similar Part No. - SS34L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS34L FORMOSA-SS34L Datasheet
418Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Taiwan Semiconductor Co...
SS34L TSC-SS34L Datasheet
205Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Nanjing International G...
SS34L DGNJDZ-SS34L Datasheet
248Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS34L DGNJDZ-SS34L Datasheet
277Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS34L

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com