Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS34L Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SS34L
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS34L Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SS34L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS34L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SS34L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Min
Max
Min
Max
B
1.70
1.90
0.067
0.075
C
2.70
2.90
0.106
0.114
D
0.16
0.30
0.006
0.012
E
1.23
1.43
0.048
0.056
F
0.80
1.20
0.031
0.047
G
3.40
3.80
0.134
0.150
H
2.45
2.60
0.096
0.102
I
0.35
0.85
0.014
0.033
J
0.00
0.10
0.000
0.004
P/N
= Marking Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number:D1308012
Version:A13
SS34L
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit(mm)
Unit(inch)
SUGGESTED PAD LAYOUT
Symbol
Unit(mm)
A1.4
B1.2
MARKING DIAGRAM
C3.1
D1.9
E4.3
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vslg=50mVp-p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com