Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3420CX6-RFG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS3420CX6-RFG
Description  2A, 1.25MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3420CX6-RFG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS3420CX6-RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS3420
2A, 1.25MHz Synchronous Buck Converter
3/9
Version: A12
Block Diagram
FB
EN
VIN
SW
GND
Over-Temperature and
Short-Circuit Protection
REF
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
Izero
COMP
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic
Function Description
Operation
TS3420 is a monolithic switching mode step-down DC-DC converter. It utilizes internal MOSFETs to achieve high
efficiency and can generate very low output voltage by using internal reference at 0.6V. It operates at a fixed
switching frequency, and uses the slope compensated current mode architecture. This step-down DC-DC
Converter supplies minimum 2A output current at input voltage range from 2.8V to 5.5V.
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
excellent load and line transient responses and protection of the internal main switch (P-Ch MOSFET) and
synchronous rectifier (N-CH MOSFET). During normal operation, the internal P-Ch MOSFET is turned on for a
certain time to ramp the inductor current at each rising edge of the internal oscillator, and switched off when the
peak inductor current is above the error voltage. The current comparator, ICOMP, limits the peak inductor current.
When the main switch is off, the synchronous rectifier will be turned on immediately and stay on until either the
inductor current starts to reverse, as indicated by the current reversal comparator, IZERO, or the beginning of the
next clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com