Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3420CX6-RFG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS3420CX6-RFG
Description  2A, 1.25MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3420CX6-RFG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS3420CX6-RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS3420
2A, 1.25MHz Synchronous Buck Converter
4/9
Version: A12
Application Information
Setting the Output Voltage
Application circuit item shows the basic application circuit with TS3410 adjustable output version. The external
resistor sets the output voltage according to the following formula:
Inductor Selection
For most designs, the TS3410 operates with inductors of 2.2µH to 3.3µH. Low inductance values are physically
smaller but require faster switching, which results in some efficiency loss. The inductor value can be derived from
the following formula:
Where is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately 20% of the maximum load current 2A, ∆IL=400mA.
For output voltages above 2.0V, when light-load efficiency is important, the minimum recommended inductor is
2.7µH. For optimum voltage-positioning load transients, choose an inductor with DC series resistance in the 50m
Ω
to 150m
Ω range. For higher efficiency at heavy loads (above 200mA), or minimal load regulation (but some
transient overshoot), the resistance should be kept below 100m
Ω. The DC current rating of the inductor should be
at least equal to the maximum load current plus half the ripple current to prevent core saturation (2000mA+200mA)
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input
capacitor impedance at the switching frequency shall be less than input source impedance to prevent high
frequency switching current passing to the input. A low ESR input capacitor sized for maximum RMS current must
be used. Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and
small temperature coefficients. A 10µF ceramic capacitor for most applications is sufficient.
Output Capacitor Selection
The output capacitor is required to be 10uF×2 to keep the output voltage ripple small and to ensure regulation loop
stability. The output capacitor must have low impedance at the switching frequency. Ceramic capacitors with X5R
or X7R dielectrics are recommended due to their low ESR and high ripple current
Compensation Capacitor Selection
The compensation capacitors for increasing phase margin provide additional stability. It is required and more than
27pF. Please refer to demo board schematic for design.
Table 1: Resistor Select for Output Voltage Setting
VOUT
R2
R1
1.2V
300K
300K
1.5V
300K
450K
1.8V
300K
600K
2.5V
150K
470K
3.3V
120K
540K
Table 2: Inductor Select for Output Voltage Setting (VIN=3.6V)
VOUT
1.2V
1.5V
1.8V
2.5V
Inductor
2.7uH
2.7uH
2.7uH
2.2uH
Part Number
WE-TPC
7440430027
7440430027
7440430027
7440430022
Note: Part Type MH or M (www.we-online.com)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com