Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3420CX6-RFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS3420CX6-RFG
Description  2A, 1.25MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3420CX6-RFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS3420CX6-RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3420CX6-RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS3420
2A, 1.25MHz Synchronous Buck Converter
1/9
Version: A12
SOT-26
General Description
TS3420 is a high efficiency monolithic synchronous buck regulator using a constant frequency, current mode
architecture. The device is available in an adjustable version. Supply current with no load is 200uA and drops to
<1uA in shutdown. The 2.8V to 5.5V input voltage range makes TS3420 ideally suited for single Li-Ion, two to
three AA battery-powered applications. 100% duty cycle provides low dropout operation, extending battery life in
portable systems. Switching frequency is internally set at 1.25MHz, allowing the use of small surface mount
inductors and capacitors. The internal synchronous switch increases efficiency and decreases need of an external
schottky diode. Low output voltages are easily supported with the 0.6V feedback reference voltage.
Features
High Efficiency: Up to 96%
2.8V to 5.5V Input Voltage Range
Output Voltage from 0.6V to VIN
Short Circuit Protection (SCP)
Build in Soft-Start Function
1.25MHz Constant Frequency Operation
Up to 2A Output Current
No Schottky Diode Required in Application
≤1uA Shutdown Current
Current Mode Operation for Excellent Line and
Load Transient Response
Application
Cellular Phones
Digital Still Cameras
Portable Electronics
USB Devices
Pin Description
Name
Description
EN
Power-off pin
H:normal operation
L:Step-down operation stopped
GND
Ground pin
SW
Switch output pin. Connect external inductor
here. Minimize trace area at this pin to
reduce EMI.
VCC
IC power supply pin
FB
Output Feedback pin
Ordering Information
Part No.
Package
Packing
TS3420CX6 RFG
SOT-26
3Kpcs/ 7” Reel
Note: “G” denote for Halogen Free Product
Application Circuit
Pin Definition:
1. EN
2. Ground
3. Switching Output
4. Input
5. Ground
6. Feedback


Similar Part No. - TS3420CX6-RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
More results

Similar Description - TS3420CX6-RFG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3436 BCDSEMI-AP3436 Datasheet
532Kb / 15P
3A, 1.25MHz High Performance Synchronous Buck Converter
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5527 DIODES-LSP5527 Datasheet
815Kb / 17P
2A 27V Synchronous Buck Converter
Rev. 8 - 2 May 2022
logo
Alpha & Omega Semicondu...
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com