Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4148-RXG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4148-RXG
Description  500mW High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148-RXG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4148-RXG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4148-RXG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4148-RXG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CREAT BY ART
PART NO.
PART NO.
TS4148
TS4148
(TA=25℃ unless otherwise noted)
Document Number:DS_S1311001
Version:J13
Small Signal Product
TS4148 RXG
Taiwan Semiconductor
RX
5K / 7" Reel
RATINGS AND CHARACTERISTICS CURVES
TS4148 RXG
RX
G
Green compound
TS4148 RXG
RX
G
C0
Green compound
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
MANUFACTURE
CODE
DESCRIPTION
Suffix "G"
1206
(Note)
Note : Manufacture special control, if empty means no special control requirement.
EXAMPLE
RA
10K / 13" Reel
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
MANUFACTURE
CODE
TS4148
0.01
0.10
1.00
10.00
100.00
0
20
40
60
80
100
120
Reverse Voltage (V)
Fig. 2 Reverse Current VS. Reverse Voltage
TA=25oC
0.6
0.7
0.8
0.9
1.0
1.1
1.2
02
468
10
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance
0
100
200
300
400
500
0
25
50
75
100
125
150
175
Ambient Temperature (oC)
Fig. 3 Admissible Power Dissipation Curve
0.01
0.10
1.00
10.00
100.00
1000.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Instantaneous Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
TA=25oC
TA=100oC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com