Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4148-RXG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS4148-RXG
Description  500mW High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148-RXG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4148-RXG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4148-RXG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4148-RXG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CREAT BY ART
DIMENSIONS
Min
Max
Min
Max
A
3.00
3.40
0.118
0.134
B
1.30
1.70
0.051
0.067
C
0.35
0.75
0.014
0.030
D
0.75
0.95
0.030
0.037
Document Number:DS_S1311001
Version:J13
TS4148 RXG
Taiwan Semiconductor
Small Signal Product
DIM.
Unit(mm)
Unit(inch)
1
10
100
1000
10000
0.01
0.10
1.00
10.00
100.00
Forward Current (mA)
Fig. 5 Forward Resistance VS. Forward Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com