Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4148-RXG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4148-RXG
Description  500mW High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148-RXG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4148-RXG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4148-RXG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4148-RXG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
- Designed for mounting on small surface
- Extremely thin/leadless package
- High mounting capability, strong surage with stand,
high reliability
- Pb free version and RoHS compliant
- Halogen free
- Case:1206 standard package, molded plastic
- Terminal:Gold plated, solderable per
MIL-STD-750, method 2026 guaranteed
- High temperature soldering guaranteed : 260
oC/10s
- Polarity:Indicated by cathode band
- Weight:0.010 g (approximately)
SYMBOL
UNITS
PD
mW
VRSM
V
VRRM
V
IFRM
mA
IO
mA
RθJA
/W
TJ, TSTG
oC
SYMBOL
UNITS
Reverse breakdown voltage
V(BR)
V
Forward voltage
VF
V
nA
μA
CJ
pF
Reverse recovery time
Trr
ns
Document Number:DS_S1311001
Version:J13
500mW High Speed SMD Switching Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
A
0.5
2.0
Mean forward current
150
Non-repetitive peak forward surge current
Tp = 1sec square waveform
Tp = 8.3ms single half sine waveform
IFSM
TS4148 RXG
FEATURES
MECHANICAL DATA
1206
Taiwan Semiconductor
300
Small Signal Product
PARAMETER
Repetitive peak reverse voltage
Repetitive peak forward current
Note: 1 Valid provided that electrodes are kept at ambient temperature
Note: 2 Test Condition:IR=100μA
Note: 3 Test Condition:IF=10mA, IR=1mA, RL=100Ω
375
Junction and storage temperature range
- 65 to + 175
MIN
MAX
(Note 3)
-
Junction capacitance
5
VR=0, f=1.0MHz
-
Reverse leakage current
IF=100mA
VR=20V
VR=75V
75
Power dissipation
1
100
Non-repetitive peak reverse voltage
(Note 2)
75
PARAMETER
Thermal resistance form junction ambient
(Note 1)
IR
VALUE
-25
4
-
500
4.0


Similar Part No. - TS4148-RXG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS4148-1206-R7T4 ETC1-TS4148-1206-R7T4 Datasheet
145Kb / 3P
0.3 AMPS High Speed Switching Diode
More results

Similar Description - TS4148-RXG

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
500mW High Speed SMD Switching Diode
LS4148 TSC-LS4148_09 Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_12 Datasheet
330Kb / 3P
500mW High Speed SMD Switching Diode
LS4148 TSC-LS4148_15 Datasheet
221Kb / 4P
500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
500mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG_14 Datasheet
189Kb / 4P
500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com