Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19376CY5-RMG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19376CY5-RMG
Description  1A Step-down High Brightness LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19376CY5-RMG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19376CY5-RMG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19376
1A Step-down High Brightness LED Driver
2/8
Version: A12
Electrical Specifications (VIN=12V, TA =25
oC, unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Input voltage
VIN
8
--
32
V
Under voltage lock out
VUVLO
VIN rising
--
7
--
V
UVLO Hysterisis
VUVLO_hys
VIN falling
--
1000
--
mV
Max. Switching Frequency
FSW
--
--
1
MHZ
Current Sense
Mean current sense threshold voltage
VCSN
VIN–VCSN
120
130
140
mV
Sense threshold hysteresis
VCSN_hys
--
±15
--
%
CSN Pin Input Current
ICSN
VIN–VCSN = 50mV
--
0.5
--
µA
DIM Input
DIM input voltage High
VDIM_H
2.0
--
--
V
DIM input voltage Low
VDIM_L
--
--
0.3
V
Max. DIM Frequency
fDIM
fOSC = 500kHz
--
--
50
kHZ
Duty cycle range of low frequency dimming
DPWM_LF
fDIM = 100Hz
0.02%
--
1
Brightness control range
--
5000:1
--
Duty cycle range of high frequency dimming
DPWM_HF
fDIM = 20kHz
4%
--
1
Brightness control range
--
25:1
--
DIM pull up resistor to Internal
supply voltage
RDIM
--
300
--
KΩ
DIM input leakage low
IDIM_L
VDIM = 0
--
70
--
µA
Output Switch
Saturation Voltage
VSAT
IOUT = 0.3A
--
0.8
1.0
V
Saturation Voltage
VSAT
IOUT = 0.8A
--
1.0
1.2
V
Continuous SW Current
ISWmean
--
--
1.0
A
SW Leakage Current
ILEAK
--
0.5
5
µA
Thermal Shutdown
Thermal Shutdown Threshold
TSD
--
150
--
°C
Thermal Shutdown hysteresis
TSD-hys
--
35
--
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com