Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19376CY5-RMG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19376CY5-RMG
Description  1A Step-down High Brightness LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19376CY5-RMG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19376CY5-RMG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19376
1A Step-down High Brightness LED Driver
5/8
Version: A12
Application Information (Continue)
Shutdown mode
Taking the DIM pin to a voltage below 0.3V will turn off the output and the supply current will fall to a low standby
level of 70µA nominal.
Capacitor selection
A low ESR capacitor should be used for input decoupling, as the ESR of this capacitor appears in series with the
supply source impedance and lowers overall efficiency. This capacitor has to supply the relatively high peak current
to the coil and smooth the current ripple on the input supply. A minimum value of 4.7uF is acceptable if the input
source is close to the device, but higher values will improve performance at lower input voltages, especially when
the source impedance is high. The input capacitor should be placed as close as possible to the IC.
For maximum stability over temperature and voltage, capacitors with X7R, X5R, or better dielectric are
recommended. Capacitors with Y5V dielectric are not suitable for decoupling in this application and should not be
used.
Inductor selection
Recommended inductor values for the TS19376 are in the range 47uH to 120uH.
Higher values of inductance are recommended at lower output current in order to minimize errors due to switching
delays, which result in increased ripple and lower efficiency. Higher values of inductance also result in a smaller
change in output current over the supply voltage range. The inductor should be mounted as close to the device as
possible with low resistance connections to the SW and VIN pins.
Diode selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode with
low reverse leakage at the maximum operating voltage and temperature. They also provide better efficiency than
silicon diodes, due to a combination of lower forward voltage and reduced recovery time.
It is important to select parts with a peak current rating above the peak coil current and a continuous current rating
higher than the maximum output load current. It is very important to consider the reverse leakage of the diode
when operating above 85°C. Excess leakage will incr ease the power dissipation in the device and if close to the
load may create a thermal runaway condition.
The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will increase the peak
voltage on the SW output. If a silicon diode is used, care should be taken to ensure that the total voltage appearing
on the SW pin including supply ripple, does not exceed the specified maximum value.
Reducing output ripple
Peak to peak ripple current in the LED(s) can be reduced, if required, by shunting a capacitor CLED across the
LED(s) as shown below:
A value of 1uF will reduce the supply ripple current by a factor three (approx.). Proportionally lower ripple can be
achieved with higher capacitor values. Note that the capacitor will not affect operating frequency or efficiency, but it
will increase start-up delay and reduce the frequency of dimming, by reducing the rate of rise of LED voltage.
By adding this capacitor the current waveform through the LED(s) changes from a triangular ramp to a more
sinusoidal version without altering the mean current value.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com