Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19376CY5-RMG Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS19376CY5-RMG
Description  1A Step-down High Brightness LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19376CY5-RMG Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19376CY5-RMG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19376CY5-RMG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS19376
1A Step-down High Brightness LED Driver
6/8
Version: A12
Application Information (Continue)
Operation at low supply voltage
The internal regulator disables the drive to the switch until the supply has risen above the startup threshold
(VUVLO). Above this threshold, the device will start to for this reason, the temperature coefficients of the operating.
However, with the supply voltage below the specified minimum value, the switch duty cycle will be high and the
device power dissipation will be at a maximum. Care should be taken to avoid operating the device under such
conditions in the application, in order to minimize the risk of exceeding the maximum allowed die temperature. (See
next section on thermal considerations). The drive to the switch is turned off when the supply voltage falls below
the under-voltage threshold (VUVLO-1V).
This prevents the switch working with excessive 'on' resistance under conditions where the duty cycle is high.
Thermal shutdown protection
To ensure the reliability, the TS19376 is built with a thermal shutdown (TSD) protection function. The TSD protests
the IC from over temperature (150°C). When the chip temperature decreases (115°C), the IC recovers aga in.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com