Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0VLL6R Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLL6R Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLL6R Datasheet HTML 30Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 31Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 32Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 33Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 34Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 35Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
34
VDD_HV_IOx2
SR 3.3 V/5.0 V input/output supply
voltage (supply).
Code flash memory supply with
VDD_HV_IO3 and data flash memory
with VDD_HV_IO2
—–0.3
6.0
V
VSS_HV_IOx
SR 3.3 V/5.0 V input/output supply
voltage (ground).
Code flash memory ground with
VSS_HV_IO3 and data flash memory
with VSS_HV_IO2
—–0.1
0.1
V
VDD_HV_OSC
SR 3.3 V/5.0 V crystal oscillator amplifier
supply voltage (supply)
—–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +0.3
VSS_HV_OSC
SR 3.3 V/5.0 V crystal oscillator amplifier
supply voltage (ground)
—–0.1
0.1
V
VDD_HV_ADC0 SR 3.3 V/5.0 V ADC_0 supply and high-
reference voltage
VDD_HV_REG <
2.7 V
–0.3
VDD_HV_REG +0.3
V
VDD_HV_REG >
2.7 V
–0.3
6.0
VSS_HV_ADC0 SR 3.3 V/5.0 V ADC_0 ground and low-
reference voltage
—–0.1
0.1
V
VDD_HV_REG
SR 3.3 V/5.0 V voltage-regulator supply
voltage
—–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +0.3
TVDD
SR Slope characteristics on all VDD during
power up3
—
—
0.25
V/µs
VDD_LV_CORx CC 1.2 V supply pins for core logic
(supply)
—–0.1
1.5
V
VSS_LV_CORx
SR 1.2 V supply pins for core logic
(ground)
—–0.1
0.1
V
VIN
SR Voltage on any pin with respect to
ground (VSS_HV_IOx)
—–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +0.34
IINJPAD
SR Input current on any pin during
overload condition
—–10
10
mA
IINJSUM
SR Absolute sum of all input currents
during overload condition
—–50
50
mA
TSTG
SR Storage temperature
—
–55
150
°C
TJ
SR Junction temperature under bias
—
40
150
°C
Table 7. Absolute maximum ratings1 (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com