Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0VLL6R Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLL6R Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLL6R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
9
The flash memory module provides the following features:
•
As much as 320 KB flash memory
— 6 blocks (32 KB + 2×16 KB + 32 KB + 32 KB + 128 KB) code flash memory
— 4 blocks (16 KB + 16 KB + 16 KB + 16 KB) data flash memory
— Full Read-While-Write (RWW) capability between code flash memory and data flash memory
•
Four 128-bit wide prefetch buffers to provide single cycle in-line accesses (prefetch buffers can be configured to
prefetch code or data or both)
•
Typical flash memory access time: no wait-state for buffer hits, 2 wait-states for page buffer miss at 64 MHz
•
Hardware managed flash memory writes handled by 32-bit RISC Krypton engine
•
Hardware and software configurable read and write access protections on a per-master basis
•
Configurable access timing allowing use in a wide range of system frequencies
•
Multiple-mapping support and mapping-based block access timing (up to 31 additional cycles) allowing use for
emulation of other memory types
•
Software programmable block program/erase restriction control
•
Erase of selected block(s)
•
Read page sizes
— Code flash memory: 128 bits (4 words)
— Data flash memory: 32 bits (1 word)
•
ECC with single-bit correction, double-bit detection for data integrity
— Code flash memory: 64-bit ECC
— Data flash memory: 32-bit ECC
•
Embedded hardware program and erase algorithm
•
Erase suspend and program abort
•
Censorship protection scheme to prevent flash memory content visibility
•
Hardware support for EEPROM emulation
1.5.5
Static random access memory (SRAM)
The MPC5602P SRAM module provides up to 20 KB of general-purpose memory.
ECC handling is done on a 32-bit boundary and is completely software compatible with MPC55xx family devices containing
an e200z6 core and 64-bit wide ECC.
The SRAM module provides the following features:
•
Supports read/write accesses mapped to the SRAM from any master
•
Up to 20 KB general purpose SRAM
•
Supports byte (8-bit), half word (16-bit), and word (32-bit) writes for optimal use of memory
•
Typical SRAM access time: no wait-state for reads and 32-bit writes; 1 wait-state for 8- and 16-bit writes if
back-to-back with a read to same memory block
1.5.6
Interrupt controller (INTC)
The interrupt controller (INTC) provides priority-based preemptive scheduling of interrupt requests, suitable for statically
scheduled hard real-time systems. The INTC handles 128 selectable-priority interrupt sources.
For high-priority interrupt requests, the time from the assertion of the interrupt request by the peripheral to the execution of the
interrupt service routine (ISR) by the processor has been minimized. The INTC provides a unique vector for each interrupt
request source for quick determination of which ISR has to be executed. It also provides a wide number of priorities so that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com